Electronic Components Datasheet Search
  English  ▼

X  

ADT7310 Datasheet(PDF) 19 Page - Analog Devices

Part # ADT7310
Description  짹0.5째C Accurate, 16-Bit Digital SPI Temperature Sensor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT7310 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADT7310 Datasheet HTML 15Page - Analog Devices ADT7310 Datasheet HTML 16Page - Analog Devices ADT7310 Datasheet HTML 17Page - Analog Devices ADT7310 Datasheet HTML 18Page - Analog Devices ADT7310 Datasheet HTML 19Page - Analog Devices ADT7310 Datasheet HTML 20Page - Analog Devices ADT7310 Datasheet HTML 21Page - Analog Devices ADT7310 Datasheet HTML 22Page - Analog Devices ADT7310 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
ADT7310
Rev. 0 | Page 19 of 24
WRITING DATA
Data is written to the ADT7310 in eight bits or 16 bits, depending
on the addressed register. The first byte written to the device is
the command byte, with the read/write bit set to 0. The master
then supplies the 8-bit or 16-bit input data on the DIN line.
The ADT7310 clocks the data into the register addressed in
the command byte on the positive edge of SCLK. The master
finishes the write by pulling CS high.
Figure 18 shows a write to an 8-bit register, and Figure 19 shows
a write to a 16-bit register.
The master must begin a new write transaction on the bus for
every register write. Only one register is written to per bus
transaction.
C3
C2
C5
C4
DIN
C7
C6
C1
D2
D1
D0
C0
8-BIT DATA
5
6
7
8
9
10
11121314
15
16
SCLK
12
3
4
D5
CS
R/W
REGISTER ADDR
0
00
CONT
READ
D4
D3
D7
D6
8-BIT COMMAND BYTE
Figure 18. Writing to an 8-Bit Register
C3
C2
C5
C4
DIN
C7
C6
C1
D2
D1
D0
C0
16-BIT DATA
5
24
6
7
8
9
10
11
12
13
14
15
16
22
23
SCLK
12
3
4
D14
D13
17
CS
R/W
REGISTER ADDR
0
0
0
CONT
READ
D12
D10
D11
D9
D8
D7
D15
8-BIT COMMAND BYTE
Figure 19. Writing to a 16-Bit Register
CONT
READ
C3
C2
C5
C4
DIN
C7
C6
C1
C0
8-BIT DATA
5
6
7
8
9
10
11
12
1314
1516
SCLK
123
4
D6
D5
CS
R/W
REGISTER ADDR
0
0
0
D4
D3
D2
D1
D0
D7
DOUT
8-BIT COMMAND WORD
Figure 20. Read from an 8-Bit Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com