Electronic Components Datasheet Search
  English  ▼

X  

ADT7310 Datasheet(PDF) 18 Page - Analog Devices

Part # ADT7310
Description  짹0.5째C Accurate, 16-Bit Digital SPI Temperature Sensor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT7310 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADT7310 Datasheet HTML 14Page - Analog Devices ADT7310 Datasheet HTML 15Page - Analog Devices ADT7310 Datasheet HTML 16Page - Analog Devices ADT7310 Datasheet HTML 17Page - Analog Devices ADT7310 Datasheet HTML 18Page - Analog Devices ADT7310 Datasheet HTML 19Page - Analog Devices ADT7310 Datasheet HTML 20Page - Analog Devices ADT7310 Datasheet HTML 21Page - Analog Devices ADT7310 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
ADT7310
Rev. 0 | Page 18 of 24
SERIAL INTERFACE
ADT7310
GND
SCLK
DOUT
DIN
CT
INT
VDD
10kΩ
10kΩ
PULL-UP
VDD
0.1µF
MICROCONTROLLER
VDD
CS
Figure 17. Typical SPI Interface Connection
The ADT7310 has a 4-wire serial peripheral interface (SPI). The
interface has a data input pin (DIN) for inputting data to the
device, a data output pin (DOUT) for reading data back from
the device, and a data clock pin (SCLK) for clocking data into
and out of the device. A chip select pin (CS) enables or disables
the serial interface. CS is required for correct operation of the
interface. Data is clocked out of the ADT7310 on the negative
edge of SCLK, and data is clocked into the device on the
positive edge of SCLK.
SPI COMMAND BYTE
All data transactions on the bus begin with the master taking
CS from high to low and sending out the command byte. This
indicates to the ADT7310 whether the transaction is a read or
a write and provides the address of the register for the data
transfer.
shows the command byte.
Table 15
Table 15. Command Byte
C7
C6
C5
C4
C3
C2
C1
C0
0
R/W
Register address
Continuous
read
0
0
Bit C7 of the command byte must be set to 0 to successfully
begin a bus transaction. The SPI interface does not work
correctly if a 1 is written into this bit.
Bit C6 is the read/write bit; 1 indicates a read, and 0 indicates
a write.
Bits[C5:C3] contain the target register address. One register can
be read from or written to per bus transaction.
Bit C2 activates a continuous read mode on the temperature
value register only. When this bit is set, the serial interface is
configured so that the temperature value register can be
continuously read. When the command word is 01010100
(0x54), the contents of the temperature value register can be
read out without requiring repeated writes to set the address
bits. Simply sending 16 SCLK clocks to the ADT7310 clocks the
contents of the temperature value register onto the DOUT pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com