Electronic Components Datasheet Search
  English  ▼

X  

XRT86VL30IV Datasheet(PDF) 13 Page - Exar Corporation

Part # XRT86VL30IV
Description  SINGLE T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT86VL30IV Datasheet(HTML) 13 Page - Exar Corporation

Back Button XRT86VL30IV Datasheet HTML 9Page - Exar Corporation XRT86VL30IV Datasheet HTML 10Page - Exar Corporation XRT86VL30IV Datasheet HTML 11Page - Exar Corporation XRT86VL30IV Datasheet HTML 12Page - Exar Corporation XRT86VL30IV Datasheet HTML 13Page - Exar Corporation XRT86VL30IV Datasheet HTML 14Page - Exar Corporation XRT86VL30IV Datasheet HTML 15Page - Exar Corporation XRT86VL30IV Datasheet HTML 16Page - Exar Corporation XRT86VL30IV Datasheet HTML 17Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 188 page
background image
XRT86VL30
8
REV. 1.0.0
SINGLE T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
Data Link Interrupt Enable Register 2
DLIER2
0x0B17
Reserved - T1 mode only
-
0x0B18 - 0x0B19
Data Link Status Register 3
DLSR3
0x0B26
Data Link Interrupt Enable Register 3
DLIER3
0x0B27
Reserved - T1 mode only
-
0x0B28 - 0x0B29
Reserved - T1 mode only
CIAIER
0x0B40 - 0x0B41
E1 BOC Interrupt Status Register
BOCISR
0x0B70
E1 BOC Interrupt Enable Register
BOCIER
0x0B71
Reserved
0x0B72
Reserved
0x0B73
E1 BOC Unstable Interrupt Status Register
BOCUSR
0x0B74
E1 BOC Unstable Interrupt Enable Register
BOCUER
0x0B75
LIU Register Summary - Channel Control Registers
LIU Channel Control Register 0
LIUCCR0
0x0f00
LIU Channel Control Register 1
LIUCCR1
0x0f01
LIU Channel Control Register 2
LIUCCR2
0x0f02
LIU Channel Control Register 3
LIUCCR3
0x0f03
LIU Channel Control Interrupt Enable Register
LIUCCIER
0x0f04
LIU Channel Control Status Register
LIUCCSR
0x0f05
LIU Channel Control Interrupt Status Register
LIUCCISR
0x0f06
LIU Channel Control Cable Loss Register
LIUCCCCR
0x0f07
LIU Channel Control Arbitrary Register 1
LIUCCAR1
0x0f08
LIU Channel Control Arbitrary Register 2
LIUCCAR2
0x0f09
LIU Channel Control Arbitrary Register 3
LIUCCAR3
0x0f0A
LIU Channel Control Arbitrary Register 4
LIUCCAR4
0x0f0B
LIU Channel Control Arbitrary Register 5
LIUCCAR5
0x0f0C
LIU Channel Control Arbitrary Register 6
LIUCCAR6
0x0f0D
LIU Channel Control Arbitrary Register 7
LIUCCAR7
0x0f0E
LIU Channel Control Arbitrary Register 8
LIUCCAR8
0x0f0F
Reserved
-
0x0F80 -
0x0FDF
LIU Register Summary - Global Control Registers
LIU Global Control Register 0
LIUGCR0
0x0FE0
TABLE 1: REGISTER SUMMARY
FUNCTION
SYMBOL
HEX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com