Electronic Components Datasheet Search
  English  ▼

X  

XRT86VL30IV Datasheet(PDF) 37 Page - Exar Corporation

Part # XRT86VL30IV
Description  SINGLE T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT86VL30IV Datasheet(HTML) 37 Page - Exar Corporation

Back Button XRT86VL30IV Datasheet HTML 33Page - Exar Corporation XRT86VL30IV Datasheet HTML 34Page - Exar Corporation XRT86VL30IV Datasheet HTML 35Page - Exar Corporation XRT86VL30IV Datasheet HTML 36Page - Exar Corporation XRT86VL30IV Datasheet HTML 37Page - Exar Corporation XRT86VL30IV Datasheet HTML 38Page - Exar Corporation XRT86VL30IV Datasheet HTML 39Page - Exar Corporation XRT86VL30IV Datasheet HTML 40Page - Exar Corporation XRT86VL30IV Datasheet HTML 41Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 188 page
background image
XRT86VL30
32
REV. 1.0.0
SINGLE T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
TABLE 14: RECEIVE NATIONAL BITS REGISTER (RNBR)
HEX ADDRESS: 0X0111
BIT
FUNCTION
TYPE
DEFAULT
DESCRIPTION-OPERATION
7
Si_FAS
RO
x
Received International Bit - FAS Frame
This Read Only bit contains the value of the International Bit (e.g.,
the Si bit) in the most recently received FAS frame.
6
Si_nonFAS
RO
x
Received International Bit - Non FAS Frame
This Read Only bit contains the value of the International Bit (e.g.,
the Si bit) in the most recently received non-FAS frame
5
R_ALARM
RO
x
Received A bit - Non FAS Frame
This Read Only bit contains the value in the Remote Alarm Indication
bit (A bit, or bit 3 of non-FAS frame) within the most recently received
non-FAS frame.
4
Sa4
RO
x
Received National Bits
These Read Only bits contain the values of the National bits (Sa4-
Sa8) within the most recently received non-FAS frame.
3
Sa5
RO
x
2
Sa6
RO
x
1
Sa7
RO
x
0
Sa8
RO
x



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com