Electronic Components Datasheet Search
  English  ▼

X  

XRT86VL30IV Datasheet(PDF) 83 Page - Exar Corporation

Part # XRT86VL30IV
Description  SINGLE T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT86VL30IV Datasheet(HTML) 83 Page - Exar Corporation

Back Button XRT86VL30IV Datasheet HTML 79Page - Exar Corporation XRT86VL30IV Datasheet HTML 80Page - Exar Corporation XRT86VL30IV Datasheet HTML 81Page - Exar Corporation XRT86VL30IV Datasheet HTML 82Page - Exar Corporation XRT86VL30IV Datasheet HTML 83Page - Exar Corporation XRT86VL30IV Datasheet HTML 84Page - Exar Corporation XRT86VL30IV Datasheet HTML 85Page - Exar Corporation XRT86VL30IV Datasheet HTML 86Page - Exar Corporation XRT86VL30IV Datasheet HTML 87Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 188 page
background image
XRT86VL30
78
REV. 1.0.0
SINGLE T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
1.1
E1 Synchronization status message
E1 synchronization messages are sent through the National Bits (Sa4, Sa5, Sa6, Sa7, or Sa8) bits or the Si
International bit by using a BOC (Bit Oriented Code) controller within the XRT86VL30 device. The MSB of the
BOC code is sent first in frame 2 of the CRC multi frame. The SSM message that are used in typical BITS
applications are shown below.
1.2
E1 BOC Receiver
If enabled, the E1 BOC receiver will monitor the National bits or the Si bit for SSM messages with various
features being supported. Some of these features are Change of Status Alarm, 3 independent pre-set codes
for matching validation (each having its own alarm), filter settings for consecutive pattern qualification, and
many more.
1.3
E1 BOC Transmitter
The E1 BOC transmitter will automatically insert an SSM message in the correct National bit or Si bit that is
selected. Once the message is stored in the TSSM register, Bit 0=1 sends the message.
TABLE 62: E1 SSM MESSAGES
QUALITY LEVEL
DESCRIPTION
BOC CODE
0
Quality unknown (existing sync network)
0000
1
Reserved
0001
2
Rec. G.811 (Traceable to PRS)
0010
3
Reserved
0011
4
SSU-A (Traceable to SSU type A, see G.812)
0100
5
Reserved
0101
6
Reserved
0110
7
Reserved
0111
8
SSU-B (Traceable to SSU type B, see G.12)
1000
9
Reserved
1001
10
Reserved
1010
11
Synchronous Equipment Timing Source
1011
12
Reserved
1100
13
Reserved
1101
14
Reserved
1110
15
Do not use for synchronization
1111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com