Electronic Components Datasheet Search
  English  ▼

X  

XRT86VL30IV Datasheet(PDF) 49 Page - Exar Corporation

Part # XRT86VL30IV
Description  SINGLE T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT86VL30IV Datasheet(HTML) 49 Page - Exar Corporation

Back Button XRT86VL30IV Datasheet HTML 45Page - Exar Corporation XRT86VL30IV Datasheet HTML 46Page - Exar Corporation XRT86VL30IV Datasheet HTML 47Page - Exar Corporation XRT86VL30IV Datasheet HTML 48Page - Exar Corporation XRT86VL30IV Datasheet HTML 49Page - Exar Corporation XRT86VL30IV Datasheet HTML 50Page - Exar Corporation XRT86VL30IV Datasheet HTML 51Page - Exar Corporation XRT86VL30IV Datasheet HTML 52Page - Exar Corporation XRT86VL30IV Datasheet HTML 53Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 188 page
background image
XRT86VL30
44
REV. 1.0.0
SINGLE T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
TABLE 24: LAPD SELECT REGISTER (LAPDSR)
HEX ADDRESS: 0X011B
BIT
FUNCTION
TYPE
DEFAULT
DESCRIPTION-OPERATION
[7:2] Reserved
-
-
Reserved
[1:0] HDLC Controller
Select[1:0]
R/W
0
HDLC Controller Select[1:0]:
These bits permit the user to select any of the three (3) HDLC Con-
trollers that he/she will use within this particular channel, as
depicted below.
00 & 11 - Selects HDLC Controller # 1
01 - Selects HDLC Controller # 2
10 - Selects HDLC Controller # 3
TABLE 25: PERFORMANCE REPORT CONTROL REGISTER (PRCR)
HEX ADDRESS: 0X011D
BIT
FUNCTION
TYPE
DEFAULT
DESCRIPTION-OPERATION
7
Reserved
-
-
For T1 mode only
6
RLOS_OUT_ENB
R/W
1
RLOS Output Enable:
This bit is used to enable or disable the Receive LOS (RLOS_n) out-
put pins.
0 - Disables the RLOS output pin.
1 - Enables the RLOS output pin.
5-0
Reserved
-
-
Reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com