Electronic Components Datasheet Search
  English  ▼

X  

XRT86VL30IV Datasheet(PDF) 44 Page - Exar Corporation

Part # XRT86VL30IV
Description  SINGLE T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT86VL30IV Datasheet(HTML) 44 Page - Exar Corporation

Back Button XRT86VL30IV Datasheet HTML 40Page - Exar Corporation XRT86VL30IV Datasheet HTML 41Page - Exar Corporation XRT86VL30IV Datasheet HTML 42Page - Exar Corporation XRT86VL30IV Datasheet HTML 43Page - Exar Corporation XRT86VL30IV Datasheet HTML 44Page - Exar Corporation XRT86VL30IV Datasheet HTML 45Page - Exar Corporation XRT86VL30IV Datasheet HTML 46Page - Exar Corporation XRT86VL30IV Datasheet HTML 47Page - Exar Corporation XRT86VL30IV Datasheet HTML 48Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 188 page
background image
XRT86VL30
39
SINGLE T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
REV. 1.0.0
TABLE 19: SLIP BUFFER CONTROL REGISTER (SBCR)
HEX ADDRESS: 0X0116
BIT
FUNCTION
TYPE
DEFAULT
DESCRIPTION-OPERATION
7
TxSB_ISFIFO
R/W
0
Transmit Slip Buffer Mode
This bit permits the user to configure the Transmit Slip Buffer to function
as either “Slip-Buffer” Mode, or as a “FIFO”, as depicted below.
0 - Configures the Transmit Slip Buffer to function as a “Slip-Buffer”.
1 - Configures the Transmit Slip Buffer to function as a “FIFO”.
NOTE: Transmit slip buffer is only used in high-speed or multiplexed mode
where TxSERCLKn must be configured as inputs only. Users
must make sure that the “Transmit Direction” timing (i.e.
TxMSYNC) and the TxSerClk input clock signal are synchronous
to prevent any transmit slips from occurring.
NOTE: The data latency is dictated by FIFO Latency in the FIFO Latency
Register (register 0x0117).
6-5
Reserved
-
-
Reserved
4
SB_FORCESF
R/W
0
Force Signaling Freeze
This bit permits the user to freeze any signaling update on the RxSIGn
output pin as well as the Receive Signaling Array Register -RSAR
(0x0500-0x051F) until this bit is cleared.
0 = Signaling on RxSIG and RSAR is updated immediately.
1 = Signaling on RxSIG and RSAR is not updated until this bit is set to ‘0’.
3
SB_SFENB
R/W
0
Signal Freeze Enable Upon Buffer Slips
This bit enables signaling freeze for one multiframe after the receive buffer
slips.
If signaling freeze is enabled, then the “Receive Channel” will freeze all
signaling updates on RxSIG pin and RSAR (0x0500-0x051F) for at least
“one-multiframe” period, after a “slip-event” has been detected within the
“Receive Slip Buffer”.
0 = Disables signaling freeze for one multi-frame after receive buffer slips.
1 = Enables signaling freeze for one multi-frame after receive buffer slips.
2
SB_SDIR
R/W
1
Slip Buffer (RxSync) Direction Select
This bit permits user to select the direction of the receive frame boundary
(RxSYNC) signal if the receive buffer is enabled. (i.e. SB_ENB[1:0] = 01 or
10). If slip buffer is bypassed, RxSYNC is always an output pin.
0 = Selects the RxSync signal as an output
1 = Selects the RxSync signal as an input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com