Electronic Components Datasheet Search
  English  ▼

X  

XRT86VL30 Datasheet(PDF) 2 Page - Exar Corporation

Part # XRT86VL30
Description  T1/E1/J1 BITS ELEMENT - HARDWARE MANUAL
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT86VL30 Datasheet(HTML) 2 Page - Exar Corporation

  XRT86VL30 Datasheet HTML 1Page - Exar Corporation XRT86VL30 Datasheet HTML 2Page - Exar Corporation XRT86VL30 Datasheet HTML 3Page - Exar Corporation XRT86VL30 Datasheet HTML 4Page - Exar Corporation XRT86VL30 Datasheet HTML 5Page - Exar Corporation XRT86VL30 Datasheet HTML 6Page - Exar Corporation XRT86VL30 Datasheet HTML 7Page - Exar Corporation XRT86VL30 Datasheet HTML 8Page - Exar Corporation XRT86VL30 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 62 page
background image
XRT86VL30
2
T1/E1/J1 BITS ELEMENT - HARDWARE MANUAL
REV. 1.0.3
APPLICATIONS
• BITS Timing
• High-Density T1/E1/J1 interfaces for Multiplexers, Switches, LAN Routers and Digital Modems
• SONET/SDH terminal or Add/Drop multiplexers (ADMs)
• T1/E1/J1 add/drop multiplexers (MUX)
• Channel Service Units (CSUs): T1/E1/J1 and Fractional T1/E1/J1
• Digital Access Cross-connect System (DACs)
• Digital Cross-connect Systems (DCS)
• Frame Relay Switches and Access Devices (FRADS)
• ISDN Primary Rate Interfaces (PRA)
• PBXs and PCM channel bank
• T3 channelized access concentrators and M13 MUX
• Wireless base stations
• ATM equipment with integrated DS1 interfaces
• Multichannel DS1 Test Equipment
• T1/E1/J1 Performance Monitoring
• Voice over packet gateways
• Routers
FEATURES
• Supports Section 13 - Synchronization Interface in ITU G.703 for both Transmit and Receive Paths
• Supports SSM Synchronous Messaging Generation (BOC for T1, National Bits for E1) on the Transmit Path
• Supports SSM Synchronous Messaging Extraction (BOC for T1, National Bits for E1) on the Receive Path
• Supports BITS timing generation on the Transmit Outputs
• Supports BITS timing extraction from NRZ data on the Analog Receive Path
• Parallel Microcontroller Interface
• Independent, full duplex DS1 Tx and Rx Framer/LIUs
• Two 512-bit (two-frame) elastic store, PCM frame slip buffers (FIFO) on TX and Rx provide up to 8.192 MHz
asynchronous back plane connections with jitter and wander attenuation
• Supports input PCM and signaling data at 1.544, 2.048, 4.096 and 8.192 Mbits. Also supports 2-channel
multiplexed 12.352/16.384 (HMVIP/H.100) Mbit/s on the back plane bus
• Programmable output clocks for Fractional T1/E1/J1
• Supports Channel Associated Signaling (CAS)
• Supports Common Channel Signalling (CCS)
• Supports ISDN Primary Rate Interface (ISDN PRI) signaling
• Extracts and inserts robbed bit signaling (RBS)
• 3 Integrated HDLC controllers for transmit and receive, each controller having two 96-byte buffers (buffer 0 /
buffer 1)
• HDLC Controllers Support SS7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com