Electronic Components Datasheet Search
  English  ▼

X  

XRT86VL30 Datasheet(PDF) 1 Page - Exar Corporation

Part # XRT86VL30
Description  T1/E1/J1 BITS ELEMENT - HARDWARE MANUAL
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT86VL30 Datasheet(HTML) 1 Page - Exar Corporation

  XRT86VL30 Datasheet HTML 1Page - Exar Corporation XRT86VL30 Datasheet HTML 2Page - Exar Corporation XRT86VL30 Datasheet HTML 3Page - Exar Corporation XRT86VL30 Datasheet HTML 4Page - Exar Corporation XRT86VL30 Datasheet HTML 5Page - Exar Corporation XRT86VL30 Datasheet HTML 6Page - Exar Corporation XRT86VL30 Datasheet HTML 7Page - Exar Corporation XRT86VL30 Datasheet HTML 8Page - Exar Corporation XRT86VL30 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 62 page
background image
Exar Corporation 48720 Kato Road, Fremont CA, 94538 • (510) 668-7000 • FAX (510) 668-7017 • www.exar.com
XRT86VL30
T1/E1/J1 BITS ELEMENT - HARDWARE MANUAL
SEPTEMBER 2008
REV. 1.0.3
GENERAL DESCRIPTION
The XRT86VL30 is a single channel T1/E1/J1 BITS
clock
recovery
element
and
framer
and
LIU
integrated
solution
featuring
R3
technology
(Relayless,
Reconfigurable,
Redundancy).
The
physical
interface
is
optimized
with
internal
impedance, and with the patented pad structure, the
XRT86VL30 provides protection from power failures
and hot swapping.
The XRT86VL30 contains an integrated DS1/E1/J1
framer and LIU which provides DS1/E1/J1 framing
and error accumulation in accordance with ANSI/
ITU_T specifications. The framer has its own framing
synchronizer and transmit-receive slip buffers. The
slip buffers can be independently enabled or disabled
as required and can be configured to frame to the
common DS1/E1/J1 signal formats.
The Framer block contains its own Transmit and
Receive T1/E1/J1 Framing function. There are 3
Transmit
HDLC
controllers
which
encapsulate
contents of the Transmit HDLC buffers into LAPD
Message frames. There are 3 Receive HDLC
controllers which extract the payload content of
Receive LAPD Message frames from the incoming
T1/E1/J1 data stream and write the contents into the
Receive HDLC buffers. The framer also contains a
Transmit and Overhead Data Input port, which
permits Data Link Terminal Equipment direct access
to the outbound T1/E1/J1 frames.
Likewise, a
Receive Overhead output data port permits Data Link
Terminal Equipment direct access to the Data Link
bits of the inbound T1/E1/J1 frames.
The XRT86VL30 fully meets all of the latest T1/E1/J1
specifications: ANSI T1.101-1999, ANSI T1/E1.107-
1988, ANSI T1/E1.403-1995, ANSI T1/E1.231-1993,
ANSI T1/E1.408-1990, AT&T TR 62411 (12-90)
TR54016, and ITU G-703 (Including Section 13 -
Synchronization), G.704, G706 and G.733, AT&T
Pub. 43801, and ETS 300 011, 300 233, JT G.703, JT
G.704, JT G706, I.431. Extensive test and diagnostic
functions
include
Loop-backs,
Boundary
scan,
Pseudo Random bit sequence (PRBS) test pattern
generation, Performance Monitor, Bit Error Rate
(BER) meter, forced error insertion, and LAPD
unchannelized data payload processing according to
ITU-T standard Q.921.
APPLICATIONS AND FEATURES (NEXT PAGE)
FIGURE 1. XRT86VL30 SINGLE CHANNEL DS1 (T1/E1/J1) FRAMER/LIU COMBO
Performance
Monitor
PRBS
Generator &
Analyser
HDLC/LAPD
Controllers
LIU &
Loopback
Control
DMA
Interface
Signaling &
Alarms
JTAG
WR
ALE_AS
RD
RDY_DTACK
µP
Select
A[11:0]
D[7:0]
Microprocessor
Interface
4
3
Tx Serial
Clock
Rx Serial
Clock
8kHz sync
OSC
Back Plane
1.544-16.384 Mbit/s
Local PCM
Highway
2-Frame
Slip Buffer
Elastic Store
Tx Serial
Data In
Tx LIU
Interface
2-Frame
Slip Buffer
Elastic Store
Rx LIU
Interface
Rx Framer
Rx Serial
Data Out
RTIP
RRING
TTIP
TRING
External Data
Link Controller
Tx Overhead In
Rx Overhead Out
XRT86VL30
Tx Framer
LLB
LB
System (Terminal) Side
Line Side
1:1 Turns Ratio
1:2 Turns Ratio
Memory
Intel/Motorola µP
Configuration, Control &
Status Monitor
RxLOS
TxON
INT


Similar Part No. - XRT86VL30

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT86VL30 EXAR-XRT86VL30 Datasheet
821Kb / 188P
SINGLE T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
XRT86VL30 EXAR-XRT86VL30 Datasheet
1Mb / 175P
SINGLE T1/E1/J1 FRAMER/LIU COMBO - T1 REGISTER DESCRIPTION
XRT86VL30IV EXAR-XRT86VL30IV Datasheet
821Kb / 188P
SINGLE T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
XRT86VL30IV EXAR-XRT86VL30IV Datasheet
1Mb / 175P
SINGLE T1/E1/J1 FRAMER/LIU COMBO - T1 REGISTER DESCRIPTION
XRT86VL30IV-F EXAR-XRT86VL30IV-F Datasheet
124Kb / 3P
Single T1 E1 J1 Framer LIU Combo E1 Register Description
More results

Similar Description - XRT86VL30

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS26502 MAXIM-DS26502 Datasheet
1Mb / 124P
T1/E1/J1/64KCC BITS Element
REV: 032405
logo
Dallas Semiconductor
DS26503 DALLAS-DS26503 Datasheet
995Kb / 123P
T1/E1/J1 BITS Element
logo
Maxim Integrated Produc...
DS26504 MAXIM-DS26504 Datasheet
1Mb / 128P
T1/E1/J1/64KCC BITS Element
REV: 070105
logo
Dallas Semiconductor
DS26502 DALLAS-DS26502_06 Datasheet
1Mb / 125P
T1/E1/J1/64KCC BITS Element
logo
Maxim Integrated Produc...
DS26503 MAXIM-DS26503_07 Datasheet
3Mb / 122P
T1/E1/J1 BITS Element
REV: 100507
DS26504 MAXIM-DS26504_06 Datasheet
1,022Kb / 128P
T1/E1/J1/64KCC BITS Element
REV: 100507
DS26503DK MAXIM-DS26503DK Datasheet
1Mb / 30P
T1/E1/J1 BITS Element Design Kit
REV: 031507
DS26502DK MAXIM-DS26502DK Datasheet
1Mb / 30P
T1/E1/J1/64KCC Bits Element Design Kit
REV: 031507
DS26504DK MAXIM-DS26504DK Datasheet
1Mb / 30P
T1/E1/J1/64K/8KCC BITS Element Design Kit
REV: 031507
DS26504 MAXIM-DS26504_V01 Datasheet
3Mb / 129P
T1/E1/J1/64KCC BITS Element
REV: 072308
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com