Electronic Components Datasheet Search
  English  ▼

X  

XRT86VL30 Datasheet(PDF) 27 Page - Exar Corporation

Part # XRT86VL30
Description  T1/E1/J1 BITS ELEMENT - HARDWARE MANUAL
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT86VL30 Datasheet(HTML) 27 Page - Exar Corporation

Back Button XRT86VL30 Datasheet HTML 23Page - Exar Corporation XRT86VL30 Datasheet HTML 24Page - Exar Corporation XRT86VL30 Datasheet HTML 25Page - Exar Corporation XRT86VL30 Datasheet HTML 26Page - Exar Corporation XRT86VL30 Datasheet HTML 27Page - Exar Corporation XRT86VL30 Datasheet HTML 28Page - Exar Corporation XRT86VL30 Datasheet HTML 29Page - Exar Corporation XRT86VL30 Datasheet HTML 30Page - Exar Corporation XRT86VL30 Datasheet HTML 31Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 62 page
background image
XRT86VL30
25
REV. 1.0.3
T1/E1/J1 BITS ELEMENT - HARDWARE MANUAL
RxCHCLK
38
n/a
O
8
Receive Channel Clock Output (RxCHCLK):
The exact function of this pin depends on whether or not the
receive framer enables the receive fractional/signaling inter-
face to output fractional data, as described below.
If receive fractional/signaling interface is disabled:
This pin indicates the boundary of each time slot of an
inbound DS1/E1 frame. In T1 mode, this output pin is a
192kHz clock which pulses "High" during the LSB of each 24
time slots. In E1 mode, this output pin is a 256kHz clock
which pulses "High" during the LSB of each 32 time slots.
System Equipment can use this clock signal to sample the
RxCHN0 through RxCHN4 time slot identifier pins to deter-
mine which time slot is being output.
If receive fractional/signaling interface is enabled:
RxCHCLK is the fractional interface clock which either out-
puts a clock signal for the time slot that has been configured
to output fractional data, or outputs an enable signal for the
fractional time slot so that fractional data can be clocked out
of the device using the RxSERCLK pin.
NOTE:
Receive fractional interface can be enabled by
programming to bit 4 - RxFr1544/RxFr2048 bit from
register 0x0122 to ‘1’.
RECEIVE SYSTEM SIDE INTERFACE
SIGNAL NAME
128-PIN#
80-PIN#
TYPE
OUTPUT
DRIVE (MA)
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com