| Electronic Components Datasheet Search |
|
XRT86VL30 Datasheet(PDF) 32 Page - Exar Corporation |
|
|
|||||||||||||||||||||||||||||
XRT86VL30 Datasheet(HTML) 32 Page - Exar Corporation |
|
32 / 62 page ![]() XRT86VL30 30 T1/E1/J1 BITS ELEMENT - HARDWARE MANUAL REV. 1.0.3 REQ0 64 37 O DMA Cycle Request Output—DMA Controller 0 (Write): This output pin is used to indicate that DMA transfers (Write) are requested by the T1/E1 Framer. On the transmit side (i.e., To transmit data from external DMA controller to HDLC buffers within the XRT86VL30), DMA transfers are only requested when the transmit buffer status bits indicate that there is space for a com- plete message or cell. The DMA Write cycle starts by T1/E1 Framer asserting the DMA Request (REQ0) ‘low’, then the external DMA controller should drive the DMA Acknowledge (ACK0) ‘low’ to indicate that it is ready to start the transfer. The external DMA controller should place new data on the Microprocessor data bus each time the Write Signal is Strobed low if the WR is configured as a Write Strobe. If WR is configured as a direction signal, then the exter- nal DMA controller would place new data on the Microprocessor data bus each time the Read Signal (RD) is Strobed low. The Framer asserts this output pin (toggles it "Low") when at least one of the Transmit HDLC buffers are empty and can receive one more HDLC message. The Framer negates this output pin (toggles it “High”) when the HDLC buffer can no longer receive another HDLC message. REQ1 61 34 O DMA Cycle Request Output—DMA Controller 1 (Read): This output pin is used to indicate that DMA transfers (Read) are requested by the T1/E1 Framer. On the receive side (i.e., To transmit data from HDLC buffers within the XRT86VL30 to external DMA Controller), DMA transfers are only requested when the receive buffer contains a complete message or cell. The DMA Read cycle starts by T1/E1 Framer asserting the DMA Request (REQ1) ‘low’, then the external DMA controller should drive the DMA Acknowledge (ACK1) ‘low’ to indicate that it is ready to receive the data. The T1/E1 Framer should place new data on the Microprocessor data bus each time the Read Signal is Strobed low if the RD is configured as a Read Strobe. If RD is configured as a direction signal, then the T1/E1 Framer would place new data on the Microprocessor data bus each time the Write Signal (WR) is Strobed low. The Framer asserts this output pin (toggles it "Low") when one of the Receive HDLC buffer contains a complete HDLC message that needs to be read by the µC/µP. The Framer negates this output pin (toggles it “High”) when the Receive HDLC buffers are depleted. INT 96 59 O Interrupt Request Output: This active-low output signal will be asserted when the XRT86VL30 device is requesting interrupt service from the Microprocessor. This output pin should typically be connected to the “Interrupt Request” input of the Micro- processor. The Framer will assert this active "Low" output (toggles it "Low"), to the local µP, anytime it requires interrupt service. MICROPROCESSOR INTERFACE SIGNAL NAME 128-PIN# 80-PIN# TYPE DESCRIPTION |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |