Electronic Components Datasheet Search
  English  ▼

X  

XRT86VL30 Datasheet(PDF) 34 Page - Exar Corporation

Part # XRT86VL30
Description  T1/E1/J1 BITS ELEMENT - HARDWARE MANUAL
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT86VL30 Datasheet(HTML) 34 Page - Exar Corporation

Back Button XRT86VL30 Datasheet HTML 30Page - Exar Corporation XRT86VL30 Datasheet HTML 31Page - Exar Corporation XRT86VL30 Datasheet HTML 32Page - Exar Corporation XRT86VL30 Datasheet HTML 33Page - Exar Corporation XRT86VL30 Datasheet HTML 34Page - Exar Corporation XRT86VL30 Datasheet HTML 35Page - Exar Corporation XRT86VL30 Datasheet HTML 36Page - Exar Corporation XRT86VL30 Datasheet HTML 37Page - Exar Corporation XRT86VL30 Datasheet HTML 38Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 62 page
background image
XRT86VL30
32
T1/E1/J1 BITS ELEMENT - HARDWARE MANUAL
REV. 1.0.3
RDY
74
43
O
Ready/Data Transfer Acknowledge Output:
The exact behavior of this pin depends upon the type of Microprocessor/
Microcontroller the XRT86VL30 has been configured to operate in, as
defined by the PTYPE[2:0] pins.
Intel Asynchronous Mode - RDY* - Ready Output
Tis output pin will function as the “active-low” READY output.
During a READ or WRITE cycle, the Microprocessor Interface block will
toggle this output pin to the logic low level, ONLY when the Microprocessor
Interface is ready to complete or terminate the current READ or WRITE
cycle. Once the Microprocessor has determined that this input pin has tog-
gled to the logic “low” level, then it is now safe for it to move on and execute
the next READ or WRITE cycle.
If (during a READ or WRITE cycle) the Microprocessor Interface block is
holding this output pin at a logic “high” level, then the Microprocessor is
expected to extend this READ or WRITE cycle, until it detects this output
pin being toggled to the logic low level.
Motorola Asynchronous Mode - DTACK* - Data Transfer Acknowledge
Output
Tis output pin will function as the “active-low” DTACK output.
During a READ or WRITE cycle, the Microprocessor Interface block will
toggle this output pin to the logic low level, ONLY when the Microprocessor
Interface is ready to complete or terminate the current READ or WRITE
cycle. Once the Microprocessor has determined that this input pin has tog-
gled to the logic “low” level, then it is now safe for it to move on and execute
the next READ or WRITE cycle.
If (during a READ or WRITE cycle) the Microprocessor Interface block is
holding this output pin at a logic “high” level, then the Microprocessor is
expected to extend this READ or WRITE cycle, until it detects this output
pin being toggled to the logic low level.
Power PC 403 Mode - RDY Ready Output:
This output pin will function as the “active-high” READY output.
During a READ or WRITE cycle, the Microprocessor Interface block will
toggle this output pin to the logic high level, ONLY when the Microproces-
sor Interface is ready to complete or terminate the current READ or WRITE
cycle. Once the Microprocessor has sampled this signal being at the logic
“high” level upon the rising edge of PCLK, then it is now safe for it to move
on and execute the next READ or WRITE cycle.
If (during a READ or WRITE cycle) the Microprocessor Interface block is
holding this output pin at a logic “low” level, then the Microprocessor is
expected to extend this READ or WRITE cycle, until it samples this output
pin being at the logic low level.
NOTE: The Microprocessor Interface will update the state of this output pin
upon the rising edge of PCLK.
MICROPROCESSOR INTERFACE
SIGNAL NAME
128-PIN#
80-PIN#
TYPE
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com