Electronic Components Datasheet Search
  English  ▼

X  

XRT86VL30 Datasheet(PDF) 22 Page - Exar Corporation

Part # XRT86VL30
Description  SINGLE T1/E1/J1 FRAMER/LIU COMBO - T1 REGISTER DESCRIPTION
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT86VL30 Datasheet(HTML) 22 Page - Exar Corporation

Back Button XRT86VL30 Datasheet HTML 18Page - Exar Corporation XRT86VL30 Datasheet HTML 19Page - Exar Corporation XRT86VL30 Datasheet HTML 20Page - Exar Corporation XRT86VL30 Datasheet HTML 21Page - Exar Corporation XRT86VL30 Datasheet HTML 22Page - Exar Corporation XRT86VL30 Datasheet HTML 23Page - Exar Corporation XRT86VL30 Datasheet HTML 24Page - Exar Corporation XRT86VL30 Datasheet HTML 25Page - Exar Corporation XRT86VL30 Datasheet HTML 26Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 175 page
background image
XRT86VL30
17
SINGLE T1/E1/J1 FRAMER/LIU COMBO - T1 REGISTER DESCRIPTION
REV. 1.0.0
5-4
YEL[1:0]
R/W
00
(Continued)
TABLE 5: ALARM GENERATION REGISTER (AGR)
HEX ADDRESS: 0X0108
BIT
FUNCTION
TYPE DEFAULT
DESCRIPTION-OPERATION
TABLE 7: YELLOW ALARM FORMAT WHEN ONE SECOND RULE IS ENFORCED
YEL[1:0]
YELLOW ALARM FORMAT
00
Disable the transmission of yellow alarm
01
SF or N mode:
RAI is transmitted as bit 2 = 0 (second MSB) in all DS0 data channel.
T1DM mode:
RAI is transmitted as Y-bit = 0 (6th bit in the SYNC byte).
ESF mode:
YEL[1:0] controls the format of RAI. When YEL[1:0] is set to’01’, RAI
is transmitted as 255 patterns of 1111_1111_0000_0000 on the 4-
kbit/s data link (M1-M12) (approximately 1 second).
ALARM_ENB (Bit 6 of this register) controls the duration of RAI as
described below:
1. If ALARM_ENB bit is set ’high’ for a duration shorter or equal
to
the
time
required
to
transmit
255
pattern
of
1111_1111_0000_0000 on the 4-kbit/s data link (M1-M12), RAI
is transmitted for 255 patterns. (approximately 1 second)
2. If ALARM_ENB bit is set ’high’ for a duration longer than the
time
required
to
transmit
255
patterns
of
1111_1111_0000_0000 on the 4-kbit/s data link (M1-M12), RAI
continues until ALARM_ENB bit is set ’low’.
3. If ALARM_ENB forms another pulse during an alarm
transmission, it resets the pattern counter and extends the
RAI duration for another 255 patterns.(approximately 1
second)
NOTE: A minimum of one second delay between termination of the
first RAI and the initiation of a subsequent RAI is enforced.
10
SF mode:
RAI is transmitted as a “1” in the Fs bit of frame 12 (This is RAI for J1
SF standard).
T1DM mode:
RAI is transmitted as Y-bit = 0 (6th bit in the SYNC byte).
ESF mode:
RAI is controlled by the duration of ALARM_ENB bit. This allows
continuous RAI of any length.
11
SF, N, and T1DM mode:
RAI format is the same as described above when YEL[1:0] is set
to’01’.
ESF mode:
RAI duration is the same as described above when YEL[1:0] is set
to’01’, except that format of RAI is transmitted as 255 patterns of
1111_1111_1111_1111 on the 4kbits/s data link bits (J1 ESF stan-
dard) instead of 255 patterns of 1111_1111_0000_0000.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com