Electronic Components Datasheet Search
  English  ▼

X  

XRT86VL30 Datasheet(PDF) 74 Page - Exar Corporation

Part # XRT86VL30
Description  SINGLE T1/E1/J1 FRAMER/LIU COMBO - T1 REGISTER DESCRIPTION
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT86VL30 Datasheet(HTML) 74 Page - Exar Corporation

Back Button XRT86VL30 Datasheet HTML 70Page - Exar Corporation XRT86VL30 Datasheet HTML 71Page - Exar Corporation XRT86VL30 Datasheet HTML 72Page - Exar Corporation XRT86VL30 Datasheet HTML 73Page - Exar Corporation XRT86VL30 Datasheet HTML 74Page - Exar Corporation XRT86VL30 Datasheet HTML 75Page - Exar Corporation XRT86VL30 Datasheet HTML 76Page - Exar Corporation XRT86VL30 Datasheet HTML 77Page - Exar Corporation XRT86VL30 Datasheet HTML 78Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 175 page
background image
XRT86VL30
69
SINGLE T1/E1/J1 FRAMER/LIU COMBO - T1 REGISTER DESCRIPTION
REV. 1.0.0
TABLE 52: TRANSMIT DATA LINK BYTE COUNT REGISTER (TDLBCR3)
HEX ADDRESS: 0X0154
BIT
FUNCTION
TYPE
DEFAULT
DESCRIPTION-OPERATION
7
TxHDLC3 BUFAvail/
BUFSel
R/W
0
Transmit HDLC3 Buffer Available/Buffer Select
This bit has different functions, depending upon whether the user is
writing to or reading from this register, as depicted below.
If the user is writing data into this register bit:
0 - Configures the Transmit HDLC3 Controller to read out and trans-
mit the data, residing within “Transmit HDLC3 Buffer # 0", via the
Data Link channel to the remote terminal equipment.
1 - Configures the Transmit HDLC3 Controller to read out and trans-
mit the data, residing within the “Transmit HDLC3 Buffer #1”, via the
Data Link channel to the remote terminal equipment.
If the user is reading data from this register bit:
0 - Indicates that “Transmit HDLC3 Buffer # 0" is the next available
buffer. In this case, if the user wishes to write in the contents of a
new “outbound” Data Link Message into the Transmit HDLC3 Mes-
sage Buffer, he/she should proceed to write this message into
“Transmit HDLC3 Buffer # 0" - Address location: 0x0600.
1 - Indicates that “Transmit HDLC3 Buffer # 1" is the next available
buffer. In this case, if the user wishes to write in the contents of a
new “outbound” Data Link Message into the Transmit HDLC3 Mes-
sage Buffer, he/she should proceed to write this message into
“Transmit HDLC3 Buffer # 1" - Address location: 0x0700.
NOTE: If one of these Transmit HDLC3 buffers contain a message
which has yet to be completely read-in and processed for
transmission by the Transmit HDLC3 controller, then this bit
will automatically reflect the value corresponding to the next
available buffer when it is read. Changing this bit to the in-
use buffer is not permitted.
6-0
TDLBC[6:0]
R/W
0000000
Transmit HDLC3 Message - Byte Count
The exact function of these bits depends on whether the Transmit
HDLC 3 Controller is configured to transmit MOS or BOS messages
to the Remote Terminal Equipment.
In BOS MODE:
These bit fields contain the number of repetitions the BOS message
must be transmitted before the Transmit HDLC3 controller gener-
ates the Transmit End of Transfer (TxEOT) interrupt and halts trans-
mission. If these fields are set to 00000000, then the BOS message
will be transmitted for an indefinite number of times.
In MOS MODE:
These bit fields contain the length, in number of octets, of the mes-
sage to be transmitted. The length of MOS message specified in
these bits include header bytes such as the SAPI, TEI, Control field,
however, it does not include the FCS bytes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com