Electronic Components Datasheet Search
  English  ▼

X  

XRT86VL30 Datasheet(PDF) 6 Page - Exar Corporation

Part # XRT86VL30
Description  SINGLE T1/E1/J1 FRAMER/LIU COMBO - T1 REGISTER DESCRIPTION
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT86VL30 Datasheet(HTML) 6 Page - Exar Corporation

Back Button XRT86VL30 Datasheet HTML 2Page - Exar Corporation XRT86VL30 Datasheet HTML 3Page - Exar Corporation XRT86VL30 Datasheet HTML 4Page - Exar Corporation XRT86VL30 Datasheet HTML 5Page - Exar Corporation XRT86VL30 Datasheet HTML 6Page - Exar Corporation XRT86VL30 Datasheet HTML 7Page - Exar Corporation XRT86VL30 Datasheet HTML 8Page - Exar Corporation XRT86VL30 Datasheet HTML 9Page - Exar Corporation XRT86VL30 Datasheet HTML 10Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 175 page
background image
XRT86VL30
III
SINGLE T1/E1/J1 FRAMER/LIU COMBO - T1 REGISTER DESCRIPTION
REV. 1.0.0
LIST OF TABLES
Table 1:: Register Summary .............................................................................................................................................. 4
Table 2:: Clock Select Register(CSR)
Hex Address: 0x0100 .......... 9
Table 3:: Line Interface Control Register (LICR)
Hex Address: 0x0101 ............... 11
Table 4:: Framing Select Register (FSR)
Hex Address: 0x0107 .................... 13
Table 5:: Alarm Generation Register (AGR)
Hex Address: 0x0108 ...................... 15
Table 6:: yellow alarm duration and format when one second rule is not enforced ......................................................... 16
Table 7:: yellow alarm format when one second rule is enforced .................................................................................... 17
Table 8:: Synchronization MUX Register (SMR)
Hex Address: 0x0109 ................... 19
Table 9:: Transmit Signaling and Data Link Select Register (TSDLSR)
Hex Address:0x010A .................... 22
Table 10:: Framing Control Register (FCR)
Hex Address: 0x010B .................. 24
Table 11:: Receive Signaling & Data Link Select Register (RSDLSR)
Hex Address: 0x010C .................... 25
Table 12:: Receive Signaling Change Register 0 (RSCR 0)
Hex Address: 0x010D ........... 27
Table 13:: Receive Signaling Change Register 1(RSCR 1)
Hex Address: 0x010E ....... 27
Table 14:: Receive Signaling Change Register 2 (RSCR 2)
Hex Address: 0x010F ......... 27
Table 15:: Receive In Frame Register (RIFR)
Hex Address: 0x0112 ................... 28
Table 16:: Data Link Control Register (DLCR1)
Hex Address: 0x0113 .................... 28
Table 17:: Transmit Data Link Byte Count Register (TDLBCR1)
Hex Address: 0x0114 .................... 31
Table 18:: Receive Data Link Byte Count Register (RDLBCR1)
Hex Address: 0x0115 ................... 32
Table 19:: Slip Buffer Control Register (SBCR)
Hex Address: 0x0116 ...................... 33
Table 20:: FIFO Latency Register (FFOLR)
Hex Address: 0x0117 ................ 34
Table 21:: DMA 0 (Write) Configuration Register (D0WCR)
Hex Address: 0x0118 .................. 35
Table 22:: DMA 1 (Read) Configuration Register (D1RCR)
Hex Address: 0x0119 .................. 36
Table 23:: Interrupt Control Register (ICR)
Hex Address: 0x011A ...................... 37
Table 24:: LAPD Select Register (LAPDSR)
Hex Address: 0x011B ................. 37
Table 25:: Customer Installation Alarm Generation Register (CIAGR)
Hex Address: 0x011C ........................ 38
Table 26:: Performance Report Control Register (PRCR)
Hex Address: 0x011D ..................... 39
Table 27:: Gapped Clock Control Register (GCCR)
Hex Address: 0x011E .................. 40
Table 28:: Transmit Interface Control Register (TICR)
Hex Address:0x0120 ..................... 41
Table 29:: Transmit Interface Speed When Multiplexed Mode is Disabled (TxMUXEN = 0) ........................................... 43
Table 30:: Transmit Interface Speed when Multiplexed Mode is Enabled (TxMUXEN = 1) ............................................ 44
Table 31:: PRBS Control & Status Register (PRBSCSR0)
Hex Address: 0x0121 ............... 45
Table 32:: Receive Interface Control Register (RICR)
Hex Address: 0x0122 .............. 47
Table 33:: Receive Interface Speed When Multiplexed Mode is Disabled (TxMUXEN = 0) ............................................ 49
Table 34:: Receive Interface Speed when Multiplexed Mode is Enabled (TxMUXEN = 1) ............................................. 50
Table 35:: PRBS Control & Status Register (PRBSCSR1)
Hex Address: 0x0123 ..................... 51
Table 36:: Loopback Code Control Register (LCCR)
Hex Address: 0x0124 ................ 53
Table 37:: Transmit Loopback Coder Register (TLCR)
Hex Address: 0x0125 .............. 55
Table 38:: Receive Loopback Activation Code Register (RLACR)
Hex Address: 0x0126 ................. 55
Table 39:: Receive Loopback Deactivation Code Register (RLDCR)
Hex Address: 0x0127 ................... 55
Table 40:: Defect Detection Enable Register (DDER)
Hex Address: 0x0129 ............... 56
Table 41:: Transmit SPRM Control Register (TSPRMCR)
Hex Address: 0x0142 ................. 56
Table 42:: Data Link Control Register (DLCR2)
Hex Address: 0x0143 ................... 57
Table 43:: Transmit Data Link Byte Count Register (TDLBCR2)
Hex Address: 0x0144 ................... 59
Table 44:: Receive Data Link Byte Count Register (RDLBCR2)
Hex Address: 0x0145 .................. 60
Table 45:: Data Link Control Register (DLCR3)
Hex Address: 0x0153 .................. 61
Table 46:: Transmit Data Link Byte Count Register (TDLBCR3)
Hex Address: 0x0154 ................... 63
Table 47:: Receive Data Link Byte Count Register (RDLBCR3)
Hex Address: 0x0155 .................. 64
Table 48:: Device ID Register (DEVID)
Hex Address: 0x01FE ............ 65
Table 49:: Revision ID Register (REVID)
Hex Address: 0x01FF ........... 65
Table 50:: Transmit Channel Control Register 0-23 (TCCR 0-23)
Hex Address: 0x0300 to 0x0317 ..................... 66
Table 51:: Transmit User Code Register 0-23 (TUCR 0-23)
Hex Address: 0x0320 to 0x0337 ................ 68
Table 52:: Transmit Signaling Control Register 0-23 (TSCR 0-23)
Hex Address: 0x0340 to 0x0357 ....................... 69
Table 53:: Receive Channel Control Register 0-23 (RCCR 0-23)
Hex Address: 0x0360 to 0x0377 ................... 71
Table 54:: Receive User Code Register 0-23 (RUCR 0-23)
Hex Address: 0x0380 to 0x0397 .............. 73
Table 55:: Receive Signaling Control Register 0-23 (RSCR 0-23)
Hex Address: 0x03A0 to 0x03B7 .................... 74
Table 56:: Receive Substitution Signaling Register 0-23 (RSSR 0-23)
Hex Address: 0x03C0 to 0x03D7 ................... 76
Table 57:: Receive Signaling Array Register 0 to 23 (RSAR 0-23)
Hex Address: 0x0500 to 0x0517 ................... 77
Table 58:: LAPD Buffer 0 Control Register (LAPDBCR0)
Hex Address: 0x0600 .................................... 78



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com