Electronic Components Datasheet Search
  English  ▼

X  

XRT86VL30 Datasheet(PDF) 87 Page - Exar Corporation

Part # XRT86VL30
Description  SINGLE T1/E1/J1 FRAMER/LIU COMBO - T1 REGISTER DESCRIPTION
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT86VL30 Datasheet(HTML) 87 Page - Exar Corporation

Back Button XRT86VL30 Datasheet HTML 83Page - Exar Corporation XRT86VL30 Datasheet HTML 84Page - Exar Corporation XRT86VL30 Datasheet HTML 85Page - Exar Corporation XRT86VL30 Datasheet HTML 86Page - Exar Corporation XRT86VL30 Datasheet HTML 87Page - Exar Corporation XRT86VL30 Datasheet HTML 88Page - Exar Corporation XRT86VL30 Datasheet HTML 89Page - Exar Corporation XRT86VL30 Datasheet HTML 90Page - Exar Corporation XRT86VL30 Datasheet HTML 91Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 175 page
background image
XRT86VL30
82
REV. 1.0.0
SINGLE T1/E1/J1 FRAMER/LIU COMBO - T1 REGISTER DESCRIPTION
NOTE: The default value for register address 0x0340 = 0x01, 0x0341-0x034F = 0xD0, 0x0350 = 0xB3, 0x0351-0x035F =
0xD0
1
TxSIGSRC[1]
R/W
See Note
Channel signaling control
These bits determine the source for signaling information, see table
below.
0
TxSIGSRC[0]
R/W
See Note
TABLE 67: TRANSMIT SIGNALING CONTROL REGISTER 0-23 (TSCR 0-23)
HEX ADDRESS: 0X0340 TO 0X0357
BIT
FUNCTION
TYPE
DEFAULT
DESCRIPTION-OPERATION
TXSIGSRC[1:0]
SIGNALING SOURCE SELECTED
00/11
Signaling data is inserted from input PCM
data (TxSERn pin)
01
Signaling data is inserted from this register
(TSCRs).
10
Signaling data is inserted from the Transmit
Signaling input pin (TxSIG_n) if the Transmit
Signaling Interface bit is enabled (i.e.
TxFr1544 bit = 1 in the Transmit Interface
Control Register (TICR) Register 0x0120),



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com