Electronic Components Datasheet Search
  English  ▼

X  

XRT86VL30 Datasheet(PDF) 72 Page - Exar Corporation

Part # XRT86VL30
Description  SINGLE T1/E1/J1 FRAMER/LIU COMBO - T1 REGISTER DESCRIPTION
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT86VL30 Datasheet(HTML) 72 Page - Exar Corporation

Back Button XRT86VL30 Datasheet HTML 68Page - Exar Corporation XRT86VL30 Datasheet HTML 69Page - Exar Corporation XRT86VL30 Datasheet HTML 70Page - Exar Corporation XRT86VL30 Datasheet HTML 71Page - Exar Corporation XRT86VL30 Datasheet HTML 72Page - Exar Corporation XRT86VL30 Datasheet HTML 73Page - Exar Corporation XRT86VL30 Datasheet HTML 74Page - Exar Corporation XRT86VL30 Datasheet HTML 75Page - Exar Corporation XRT86VL30 Datasheet HTML 76Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 175 page
background image
XRT86VL30
67
SINGLE T1/E1/J1 FRAMER/LIU COMBO - T1 REGISTER DESCRIPTION
REV. 1.0.0
TABLE 51: DATA LINK CONTROL REGISTER (DLCR3)
HEX ADDRESS: 0X0153
BIT
FUNCTION
TYPE
DEFAULT
DESCRIPTION-OPERATION
7
SLC-96 Data
Link Enable
R/W
0
SLC®96 DataLink Enable
This bit permits the user to configure the channel to support the transmission
and reception of the “SLC-96 type” of data-link message.
0 - Channel does not support the transmission and reception of “SLC-96”
type of data-link messages. Regular SF framing bits will be transmitted.
1 - Channel supports the transmission and reception of the “SLC-96” type of
data-link messages.
NOTE: This bit is only active if the channel has been configured to operate in
either the SLC-96 or the ESF Framing formats.
6
MOS ABORT
Disable
R/W
0
MOS ABORT Disable:
This bit permits the user to either enable or disable the “Automatic MOS
ABORT” feature within Transmit HDLC Controller # 3. If the user enables this
feature, then Transmit HDLC Controller block # 3 will automatically transmit
the ABORT Sequence (e.g., a zero followed by a string of 7 consecutive
“1s”) whenever it abruptly transitions from transmitting a MOS type of mes-
sage, to transmitting a BOS type of message.
If the user disables this feature, then the Transmit HDLC Controller Block # 3
will NOT transmit the ABORT sequence, whenever it abruptly transitions
from transmitting a MOS-type of message to transmitting a BOS-type of
message.
0 - Enables the “Automatic MOS Abort” feature
1 - Disables the “Automatic MOS Abort” feature
5
Rx_FCS_DIS
R/W
0
Receive Frame Check Sequence (FCS) Verification Enable/Disable
This bit permits the user to configure the Receive HDLC Controller Block # 3
to compute and verify the FCS value within each incoming LAPD message
frame.
0 - Enables FCS Verification
1 - Disables FCS Verification
4
AutoRx
R/W
0
Auto Receive LAPD Message
This bit configures the Receive HDLC Controller Block #3 to discard any
incoming BOS or LAPD Message frame that exactly match which is currently
stored in the Receive HDLC3 buffer.
0 = Disables this “AUTO DISCARD” feature
1 = Enables this “AUTO DISCARD” feature.
3
Tx_ABORT
R/W
0
Transmit ABORT
This bit configures the Transmit HDLC Controller Block #3 to transmit an
ABORT sequence (string of 7 or more consecutive 1’s) to the Remote termi-
nal.
0 - Configures the Transmit HDLC Controller Block # 3 to function normally
(e.g., not transmit the ABORT sequence).
1 - Configures the Transmit HDLC Controller block # 3 to transmit the
ABORT Sequence.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com