Electronic Components Datasheet Search
  English  ▼

X  

SC16313 Datasheet(PDF) 7 Page - Silan Microelectronics Joint-stock

Part # SC16313
Description  VFD CONTROLLER / DRIVER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC16313 Datasheet(HTML) 7 Page - Silan Microelectronics Joint-stock

  SC16313 Datasheet HTML 1Page - Silan Microelectronics Joint-stock SC16313 Datasheet HTML 2Page - Silan Microelectronics Joint-stock SC16313 Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC16313 Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC16313 Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC16313 Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC16313 Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC16313 Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC16313 Datasheet HTML 9Page - Silan Microelectronics Joint-stock  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
SC16313
HANGZHOU MICROELECTRONICS CO.,LTD
REV:1.2
2003.08.28
Http: www.silan.com.cn
Page 7 of 10
SERIAL COMMUNICATION FORMAT
The following diagram shows the SC16313 serial communication format. The DOUT pin is an N-channel, open-
drain output pin. Therefore, it is highly recommended that an external pull-up resistor (1k
Ω to 10kΩ) must be
connected to DOUT.
RECEPTION (COMMAND/DATA WRITE)
STB
DIN
CLK
1
2
3
7
8
b0
b1
b2
b6
b7
If data continues
TRANSMISSION (DATA READ)
It must be noted that when the data is read, a waiting time twait of 1
µs is necessary between the rising of the
eighth clock that has set the command and the falling of the first clock that has read the data.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com