Electronic Components Datasheet Search
  English  ▼

X  

SC16313 Datasheet(PDF) 5 Page - Silan Microelectronics Joint-stock

Part # SC16313
Description  VFD CONTROLLER / DRIVER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC16313 Datasheet(HTML) 5 Page - Silan Microelectronics Joint-stock

  SC16313 Datasheet HTML 1Page - Silan Microelectronics Joint-stock SC16313 Datasheet HTML 2Page - Silan Microelectronics Joint-stock SC16313 Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC16313 Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC16313 Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC16313 Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC16313 Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC16313 Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC16313 Datasheet HTML 9Page - Silan Microelectronics Joint-stock  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
SC16313
HANGZHOU MICROELECTRONICS CO.,LTD
REV:1.2
2003.08.28
Http: www.silan.com.cn
Page 5 of 10
data/command being transmitted is considered invalid. (However, the data/command already transmitted
remains valid)
Command 1: display mode setting command
This command initializes the SC16313 and selects the number of segments and number of grids (4 to 8
grids, 12 to 8 segments).
When this command is executed, display is forcibly turned off, and key scanning is also stopped. To resume
display, a display ON command must be executed.
SC16313 provides 4 display mode settings as shown in the diagram below. The bits 4 to 6 (b3 to b5) are
ignored, bits 7 & 8 (b6 to b7) are given a value of “0”.
On power application, the 8-digit, 8-segment mode is selected.
0
-
-
- b2 b1 b0
0
Display Mode Settings:
000: 4 digits, 12 segments
001: 5 digits, 11 segments
010: 6 digits, 10 segments
011: 7 digits, 9 segments
100: 8 digits, 8 segments
Don't
care
MSB
LSB
Command 2: data setting command
This command sets data write or data read modes. The data setting command, the bits 6 and 5 (b5, b4) are
ignored, bit 8 and bit 7 (b7, b6) are given the value of “01”. Please refer to the diagram below.
On power application, the normal operation mode and address increment mode are set.
0
-
- b3 b2 b1 b0
1
Data write & read mode settings:
00: write data to display memory
10: read key data
Address increment mode settings (display
memory):
0: increment address after data has been written
1: fixes address
Test mode settings:
0: normal operation mode
1: test mode
Don't
care
MSB
LSB
Command 3: address setting command
This command sets an address of the display memory. The address is considered valid if it has a value of
“00H”to “0FH”. If the address is set to 10H or higher, the data is ignored until a valid address is set.
On power application, the address is set to “00H”.
Please refer to the diagram below.
1
0 b4 b3 b2 b1 b0
1
Address: 00H to 0FH
MSB
LSB



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com