| Electronic Components Datasheet Search |
|
SC16313 Datasheet(PDF) 4 Page - Silan Microelectronics Joint-stock |
|
|
|||||||||||||||||||||||||||||
SC16313 Datasheet(HTML) 4 Page - Silan Microelectronics Joint-stock |
|
4 / 9 page ![]() SC16313 HANGZHOU MICROELECTRONICS CO.,LTD REV:1.2 2003.08.28 Http: www.silan.com.cn Page 4 of 10 FUNCTION DESCRIPTION DISPLAY RAM ADDRESS Data transmitted from an external device to SC16313 via the serial interface are stored in the display RAM and are assigned addresses. The RAM addresses of SC16313 are given below in 8 bits unit. SG1 SG4 SG5 SG8 SG9 SG12 00HL 00HU 01HL GR1 02HL 02HU 03HL GR2 04HL 04HU 05HL GR3 06HL 06HU 07HL GR4 08HL 08HU 09HL GR5 0AHL 0AHU 0BHL GR6 0CHL 0CHU 0DHL GR7 0EHL 0EHU 0FHL GR8 b0 b3 b4 b7 XX HL XX HU Lower 4 bits Higher 4 bits Only the lower 4 bits of the addresses assigned to SG9 through SG12 are valid, and the higher 4 bits are ignored. SC16313 KEY MATRIX & KEY INPUT DATA STORAGE RAM SC16313 key matrix consists of 8 x 2 arrays as shown below: KEY1 KEY2 The data of each key is stored in key-input data RAM as illustrated below. They are read by a READ command, starting from the least significant bit. When the most significant bit of the data (SG8, b7) has been read, then the least significant bit of the next data (SGI, b0) will be read. SG1/KS1 SG5/KS5 SG2/KS2 SG3/KS3 SG4/KS4 SG6/KS6 SG7/KS7 SG8/KS8 b6 b7 b0 b1 b2 b3 b4 b5 Reading sequence KEY2 KEY1 KEY2 KEY1 KEY2 KEY1 KEY2 KEY1 COMMANDS Commands set the display mode and status of SC16313. The first byte (b0 to b7) inputted to SC16313 via the DIN pin after STB pin has fallen is regarded as a command. If for some reason the STB pin is made “HIGH” while data or commands are being transmitted, the serial communication is initialized, and the |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |