Electronic Components Datasheet Search
  English  ▼

X  

SC16313 Datasheet(PDF) 2 Page - Silan Microelectronics Joint-stock

Part # SC16313
Description  VFD CONTROLLER / DRIVER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC16313 Datasheet(HTML) 2 Page - Silan Microelectronics Joint-stock

  SC16313 Datasheet HTML 1Page - Silan Microelectronics Joint-stock SC16313 Datasheet HTML 2Page - Silan Microelectronics Joint-stock SC16313 Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC16313 Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC16313 Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC16313 Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC16313 Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC16313 Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC16313 Datasheet HTML 9Page - Silan Microelectronics Joint-stock  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
SC16313
HANGZHOU MICROELECTRONICS CO.,LTD
REV:1.2
2003.08.28
Http: www.silan.com.cn
Page 2 of 10
ABSOLUTE MAXIMUM RATINGS (unless otherwise stated, Tamb=25°C, GND=0V)
Characteristics
Symbol
Value
Unit
Logic Supply Voltage
VDD
-0.5 to +7
V
Driver Supply Voltage
VEE
VDD +0.5 to VDD-40
V
Logic Input Voltage
VI
-0.5 to VDD+0.5
V
VFD Driver Output Voltage
VO
VEE-0.5 to VDD+0.5
V
VFD Driver Output Current
IoVFD
-40 (grid)
-15 (segment)
mA
Operating Ambient Temperature
Topr
-40 to +85
°C
RECOMMENDED OPERATING CONDITIONS
(Unless otherwise stated, Tamb=-20 to +70
°C, GND=0V)
Characteristics
Symbol
Min.
Typ.
Max.
Unit
Logic Supply Voltage
VDD
3.0
5
5.5
V
High-Level Input Voltage
VIH
0.7VDD
--
VDD
V
Low-Level Input Voltage
VIL
0
--
0.3VDD
V
Driver Supply Voltage
VEE
VDD-35
--
0
V
ELECTRICAL CHARACTERISTICS
(Unless otherwise stated, VDD=5V, GND=0V, VEE=VDD-35V, Tamb=25
°C)
Characteristics
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Low-Level Output Voltage
VOL1
DOUT, IOL2=4mA
--
--
0.4
V
High-Level Output Current
IOH21
VO=VDD-2V
SG1/KS1 to SG8/KS8
-3
--
--
mA
High-Level Output Current
IOH22
VO=VDD-2V
GR1 to GR4, SG9/GR8 to
SG12/GR5
-15
--
--
mA
Input Current
Ii
VI=VDD or VSS
--
--
±1
µA
High-Level Input Voltage
VIH
--
0.7VDD
--
--
V
Low-Level Input Voltage
VIL
--
--
--
0.3VDD
V
Oscillation Frequency
fOSC
R=51K
Ω
350
500
650
KHz
Dynamic Current Consumption
IDDdyn
Under no load
Display OFF
--
--
5
mA



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com