Electronic Components Datasheet Search
  English  ▼

X  

SC16313 Datasheet(PDF) 3 Page - Silan Microelectronics Joint-stock

Part # SC16313
Description  VFD CONTROLLER / DRIVER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC16313 Datasheet(HTML) 3 Page - Silan Microelectronics Joint-stock

  SC16313 Datasheet HTML 1Page - Silan Microelectronics Joint-stock SC16313 Datasheet HTML 2Page - Silan Microelectronics Joint-stock SC16313 Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC16313 Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC16313 Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC16313 Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC16313 Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC16313 Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC16313 Datasheet HTML 9Page - Silan Microelectronics Joint-stock  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
SC16313
HANGZHOU MICROELECTRONICS CO.,LTD
REV:1.2
2003.08.28
Http: www.silan.com.cn
Page 3 of 10
PIN CONFIGURATION
1
2
3
4
5
6
7
8
28
27
14
13
12
11
10
9
16
15
18
17
20
19
22
21
24
23
26
25
SC16313
PIN DESCRIPTION
Pin NO.
Symbol
Description
1
CLK
Reads serial data at the rising edge and outputs data at the falling
edge.
2
STB
After the STB has fallen, The data input can be processed; the first
data is regard as a command. When this pin is “HIGH”, CLK is
ignored.
3, 4
KEY1 to KEY2
The data input to these pins is latched at the end of display cycle.
5, 25
VSS
Logic ground pin
6, 24
VDD
Logic power supply
7 to 14
SG1/KS1 to SG8/KS8
Segment output pins. It also functions as key source.
15
VEE
VDD –35 V max
16 to 19
SG9/GR8 ~SG12/GR5
These pins are selectable for segment or grid output
20 to 23
GR4 to GR1
Grid output pins
26
OSC
This pin connects a resistor to VDD to determine the oscillation
frequency.
27
DOUT
Outputs serial data at the falling edge of the shift clock (starting from
the lower bit).
28
DIN
Inputs serial data at the rising edge of the shift clock (starting from
the lower bit).



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com