Electronic Components Datasheet Search
  English  ▼

X  

SMM665C Datasheet(PDF) 7 Page - Summit Microelectronics, Inc.

Part # SMM665C
Description  Six-Channel Active DC Output Controller, Monitor, Marginer and Sequencer
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMM665C Datasheet(HTML) 7 Page - Summit Microelectronics, Inc.

Back Button SMM665C Datasheet HTML 3Page - Summit Microelectronics, Inc. SMM665C Datasheet HTML 4Page - Summit Microelectronics, Inc. SMM665C Datasheet HTML 5Page - Summit Microelectronics, Inc. SMM665C Datasheet HTML 6Page - Summit Microelectronics, Inc. SMM665C Datasheet HTML 7Page - Summit Microelectronics, Inc. SMM665C Datasheet HTML 8Page - Summit Microelectronics, Inc. SMM665C Datasheet HTML 9Page - Summit Microelectronics, Inc. SMM665C Datasheet HTML 10Page - Summit Microelectronics, Inc. SMM665C Datasheet HTML 11Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
SMM665C
Summit Microelectronics, Inc
2125 3.1 7/22/2008
7
RECOMMENDED OPERATING CONDITIONS
ABSOLUTE MAXIMUM RATINGS
Temperature Under Bias....................... -55
°C to 125°C
Storage Temperature............................ -65
°C to 150°C
Terminal Voltage with Respect to GND:
VDD Supply Voltage ......................... -0.3V to 6.0V
12VIN Supply Voltage ..................... -0.3V to 15.0V
PUPA, through PUPF....................... -0.3V to 15.0V
All Others ................................-0.3V to VDD + 0.7V
Output Short Circuit Current ............................... 100mA
Lead Solder Temperature (10 secs) .................... 300
°C
Junction Temperature.......................…….....…...150°C
ESD Rating per JEDEC
B………………....…..…..2000V
Latch-Up testing per JEDEC………..…....……
±100mA
Note A - The device is not guaranteed to function outside its operating rating.
Stresses listed under Absolute Maximum Ratings may cause permanent
damage to the device. These are stress ratings only and functional operation
of the device at these or any other conditions outside those listed in the
operational sections of the specification is not implied. Exposure to any
absolute maximum rating for extended periods may affect device performance
and reliability.
Devices are ESD sensitive. Handling precautions are
recommended.
Temperature Range (Industrial)...........–40
°C to +85°C
(Commercial) ............–5
°C to +70°C
VDD Supply Voltage ..................................2.7V to 5.5V
12VIN Supply Voltage
C ............................8.0V to 14.0V
VIN ............................................................ GND to VDD
VOUT ...................................................... GND to 14.0V
Package Thermal Resistance (
θJA)
48-Lead TQFP……………………………….…80
oC/W
Moisture Classification Level 1 (MSL 1) per J-STD- 020.
MSL 3 for 100% Sn, RoHS compliant, see Ordering
Information.
Note B – Pin # 46 and pin #48 meet 1kV.
Note C – Range depends on internal regulator set to 3.6V or 5.5V,
see 12VIN specification below.
RELIABILITY CHARACTERISTICS
Data Retention…………………………..…..100 Years
Endurance…………………….……….100,000 Cycles
DC OPERATING CHARACTERISTICS
(Over recommended operating conditions, unless otherwise noted. All voltages are relative to GND.)
Symbol
Parameter
Notes
Min
Typ
Max
Unit
VDD
Supply Voltage
2.7
5.5
V
Internally regulated to 5.5V
10
14
V
12VIN
Supply Voltage
Internally regulated to 3.6V
6
14
V
IDD
Power Supply Current from VDD
All TRIM pins floating,
12VIN floating
1.4
5
mA
I12VIN
Power Supply Current from 12VIN
All TRIM pins floating,
VDD floating, Note 10
3.6
5
mA
TRIM characteristics
TRIM Sourcing
Maximum Current
1.5
mA
ITRIM
TRIM output current through 100
Ω to
1.0V, Note 10
TRIM Sinking Maximum
Current
1.5
mA
VTRIM
Margin Control and ADOC Range
Depends on Trim range
of DC-DC Converter
VREF_CNT
L/4
VDD
V
TRIM_CAP characteristics
ITRIM_CAP
TRIM output current through 1uF
capacitor to ground, Note 2
Max acceptable board
and cap leakage is 50nA
100
nA
All other input and output characteristics
Internally regulated to 3.6V
3.4
3.6
3.8
V
Internally regulated to 5.5V
5.3
5.5
5.7
V
VVDD_CAP
VDD_CAP voltage
No voltage on 12VIN,
Note 10
VDD - 0.1
VDD
VDD + 0.1
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com