Electronic Components Datasheet Search
  English  ▼

X  

SMM665C Datasheet(PDF) 20 Page - Summit Microelectronics, Inc.

Part # SMM665C
Description  Six-Channel Active DC Output Controller, Monitor, Marginer and Sequencer
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMM665C Datasheet(HTML) 20 Page - Summit Microelectronics, Inc.

Back Button SMM665C Datasheet HTML 16Page - Summit Microelectronics, Inc. SMM665C Datasheet HTML 17Page - Summit Microelectronics, Inc. SMM665C Datasheet HTML 18Page - Summit Microelectronics, Inc. SMM665C Datasheet HTML 19Page - Summit Microelectronics, Inc. SMM665C Datasheet HTML 20Page - Summit Microelectronics, Inc. SMM665C Datasheet HTML 21Page - Summit Microelectronics, Inc. SMM665C Datasheet HTML 22Page - Summit Microelectronics, Inc. SMM665C Datasheet HTML 23Page - Summit Microelectronics, Inc. SMM665C Datasheet HTML 24Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 36 page
background image
SMM665C
Summit Microelectronics, Inc
2125 3.1 7/22/2008
20
APPLICATIONS INFORMATION (CONTINUED)
SDA
Re-Enabling Auto-Monitor: I2C Command Write Transaction
SCL
AUTO-MONITOR
Figure 9C: At the end of an I2C command write transaction, auto-monitor is re-enabled on the falling
edge of the internal system clock after the Stop. The I2C command write is any write to slave address
9Xh, word address 8Xh.
SYSTEM CLOCK
Stop
ACK
WD0
WD1
WD2
WD3
(T=5us)
SDA
Re-Enabling Auto-Monitor: I2C Writes to Configuration, General Purpose
Memory and Margin Control Registers
SCL
AUTO-MONITOR
Figure 9D: At the end of an I2C write to configuration, general purpose memory or margin control registers,
auto-monitor is re-enabled on the falling edge of the internal system clock after the EE_WRITE/READOUT
has completed.
SYSTEM CLOCK
Stop
ACK
WD0
WD1
WD2
WD3
EE_WRITE/READOUT
~15ms
(T=5us)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com