Electronic Components Datasheet Search
  English  ▼

X  

SMM665C Datasheet(PDF) 9 Page - Summit Microelectronics, Inc.

Part # SMM665C
Description  Six-Channel Active DC Output Controller, Monitor, Marginer and Sequencer
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMM665C Datasheet(HTML) 9 Page - Summit Microelectronics, Inc.

Back Button SMM665C Datasheet HTML 5Page - Summit Microelectronics, Inc. SMM665C Datasheet HTML 6Page - Summit Microelectronics, Inc. SMM665C Datasheet HTML 7Page - Summit Microelectronics, Inc. SMM665C Datasheet HTML 8Page - Summit Microelectronics, Inc. SMM665C Datasheet HTML 9Page - Summit Microelectronics, Inc. SMM665C Datasheet HTML 10Page - Summit Microelectronics, Inc. SMM665C Datasheet HTML 11Page - Summit Microelectronics, Inc. SMM665C Datasheet HTML 12Page - Summit Microelectronics, Inc. SMM665C Datasheet HTML 13Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
SMM665C
Summit Microelectronics, Inc
2125 3.1 7/22/2008
9
DC OPERATING CHARACTERISTICS (CONTINUED)
Symbol
Parameter
Notes
Min
Typ
Max
Unit
VOUT_VALID
Minimum Output Valid Voltage
VDD_CAP voltage at which
the PUP, RST, HEALTHY
and FAULT outputs are valid
1
V
VDD_CAP rising
2.6
V
UVLO
UVLO (Under Voltage
Lockout) threshold (Note 4)
VDD_CAP falling
2.5
V
IVDD_CAP
Maximum load on VDD_CAP,
Note 10
10
mA
AIN1/AIN2 ADC characteristics
N
Resolution
10
Bits
MC
Missing codes
Minimum resolution for which no
missing codes are guaranteed
10
Bits
S/N
Signal-to-noise Ratio
Conversion rate = 500Hz
72
dB
DNL
Differential non-linearity
-1/2
+1/2
LSB
INL
Integral non-linearity
Note 7
-1
+1
LSB
GAIN
Positive full scale gain error
Note 7
-0.5
±0.16
+0.5
%
OFFSET
Offset error
Note 7
-1
+1
LSB
ADC_TC
Full scale temperature
coefficient
±15
ppm/
oC
IMADC
Analog ADC Input Impedance
10
M
Ω
IIVREF
VREF input current
250
nA
ICVREF
VREF input capacitance
200
pF
IRVREF
VREF input impedance
1
k
Ω
VMA-VMF, VDD ADC characteristics
N
Resolution
10
Bits
MC
Missing codes
Minimum resolution for which no
missing codes are guaranteed
10
Bits
S/N
Signal-to-noise Ratio
Conversion rate = 500Hz
72
dB
ERR_ADC
Total ADC Error
Total ADC Read Error
-4
+4
LSB
IMADC
Analog ADC Input Impedance
VMA-VMF
100
K
Ω
12VIN ADC characteristics
N
Resolution
10
Bits
MC
Missing codes
Minimum resolution for which no
missing codes are guaranteed
10
Bits
S/N
Signal-to-noise Ratio
Conversion rate = 500Hz
72
dB
ERR_ADC
Total ADC Error
Total ADC Read Error
-4
+4
LSB
Note 1 – Range depends on internal regulator set to 3.6V or 5.5V see 12VIN specification.
Note 2 – See Application Note 37 which describes the type of capacitors to use to obtain minimum leakage.
Note 3 – All logic levels are with respect to the voltage on VDD_CAP, when supplied from VDD; VDD_CAP is equal to VDD, under no load.
Note 4 – (100mV typical Hysteresis)
Note 5 – Under certain operating conditions, self-heating could result in additional temperature sensor error.
Note 6 – SDA not included (separate electrical specification). The device can sink more than 20mA, however total ISINK from all PUPx pins should
not exceed 6mA or ADOCACC specification will be affected.
Note 7 – The formula for the total ADC inaccuracy is: [((ADC read voltage) +/- INL)*(range of gain error)]+range of offset error
Note 8 – When temperature sensor is not used (determined by the hex file configuration setting) sensor accuracy is tested for typical values only.
Note 9 – The term “FAULT#” throughout this document describes a pin and output signal, whereas the term “fault” describes an operating
condition that may or may not activate the FAULT# pin. The FAULT# pin can only be activated by Ain1, Ain2 and Temperature fault conditions.
Note 10 – Guaranteed by Design and/or Characterization – not 100% tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com