Electronic Components Datasheet Search
  English  ▼

X  

SMM665C Datasheet(PDF) 19 Page - Summit Microelectronics, Inc.

Part # SMM665C
Description  Six-Channel Active DC Output Controller, Monitor, Marginer and Sequencer
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMM665C Datasheet(HTML) 19 Page - Summit Microelectronics, Inc.

Back Button SMM665C Datasheet HTML 15Page - Summit Microelectronics, Inc. SMM665C Datasheet HTML 16Page - Summit Microelectronics, Inc. SMM665C Datasheet HTML 17Page - Summit Microelectronics, Inc. SMM665C Datasheet HTML 18Page - Summit Microelectronics, Inc. SMM665C Datasheet HTML 19Page - Summit Microelectronics, Inc. SMM665C Datasheet HTML 20Page - Summit Microelectronics, Inc. SMM665C Datasheet HTML 21Page - Summit Microelectronics, Inc. SMM665C Datasheet HTML 22Page - Summit Microelectronics, Inc. SMM665C Datasheet HTML 23Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 36 page
background image
SMM665C
Summit Microelectronics, Inc
2125 3.1 7/22/2008
19
APPLICATIONS INFORMATION (CONTINUED)
AUTO-MONITOR FUNCTION
The auto-monitor function is used for monitoring all
supplies throughout the power-on and power-off
sequencing, force shutdown operation, and monitor
mode. The auto-monitor function is paused during an
I
2C transaction. This function is re-enabled by several
methods as described in the diagrams below.
SDA
Pausing Auto-Monitor: I2C Transaction Addressing the SMM665C
SCL
AUTO-MONITOR
SA3
SA2
SA1
SA0
BA2
BA1
BA0
R/W
ACK
Start
Figure 9A: Auto-monitor is paused on the falling edge of SCL during the R/W bit following a valid slave address.
SDA
Re-Enabling Auto-Monitor: I2C Read Transaction
SCL
AUTO-MONITOR
Figure 9B: At the end of an I2C read transaction, auto-monitor is re-enabled on the falling edge of the
internal system clock after the Stop.
SYSTEM CLOCK
Stop
NACK
RD0
RD1
RD2
RD3
from Host
(T=5us)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com