Electronic Components Datasheet Search
  English  ▼

X  

LP6203 Datasheet(PDF) 7 Page - Lowpower Semiconductor inc

Part # LP6203
Description  High Efficiency Boost DC/DC Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP6203 Datasheet(HTML) 7 Page - Lowpower Semiconductor inc

  LP6203 Datasheet HTML 1Page - Lowpower Semiconductor inc LP6203 Datasheet HTML 2Page - Lowpower Semiconductor inc LP6203 Datasheet HTML 3Page - Lowpower Semiconductor inc LP6203 Datasheet HTML 4Page - Lowpower Semiconductor inc LP6203 Datasheet HTML 5Page - Lowpower Semiconductor inc LP6203 Datasheet HTML 6Page - Lowpower Semiconductor inc LP6203 Datasheet HTML 7Page - Lowpower Semiconductor inc LP6203 Datasheet HTML 8Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Preliminary Datasheet
LP6203
LP6203 –01 Ver. 1.1 Datasheet
FEB.-2009
Page 7 of 8
T
Tyyp
piicca
all P
Pe
errffo
orrm
ma
an
ncce
e C
Ch
ha
arra
acctte
erriissttiiccss
TA=25℃, CIN =10 µF, COUT =20 µF, L=4.7 µH, unless otherwise noted.
Refer to Test Circuit Figure. 2
VOUT=5V (RM=0.33/5Ω)
Efficiency VS Output Current (VOUT=5V)
40
45
50
55
60
65
70
75
80
10
100
1000
Output Current (mA)
VIN=1.8V
VIN=2.4V
Efficiency VS Output Current (VOUT=5V)
40
50
60
70
80
90
100
10
100
1000
Output Current (mA)
VIN=3.3V
VIN=4.2V
Output Voltage VS Output Current
0
1
2
3
4
5
6
0
200
400
600
800
1000
Output Current (mA)
VIN=1.8V
VIN=2.4V
Oscillator Frequency VS Supply Voltage (Io=300mA)
200
250
300
350
400
450
22.533.5
4
Supply Voltage (V)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com