Electronic Components Datasheet Search
  English  ▼

X  

LP6203 Datasheet(PDF) 2 Page - Lowpower Semiconductor inc

Part # LP6203
Description  High Efficiency Boost DC/DC Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP6203 Datasheet(HTML) 2 Page - Lowpower Semiconductor inc

  LP6203 Datasheet HTML 1Page - Lowpower Semiconductor inc LP6203 Datasheet HTML 2Page - Lowpower Semiconductor inc LP6203 Datasheet HTML 3Page - Lowpower Semiconductor inc LP6203 Datasheet HTML 4Page - Lowpower Semiconductor inc LP6203 Datasheet HTML 5Page - Lowpower Semiconductor inc LP6203 Datasheet HTML 6Page - Lowpower Semiconductor inc LP6203 Datasheet HTML 7Page - Lowpower Semiconductor inc LP6203 Datasheet HTML 8Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Preliminary Datasheet
LP6203
LP6203 –01 Ver. 1.1 Datasheet
FEB.-2009
Page 2 of 8
Functional Pin Description
Pin Number Pin Name Function
1
SOE
Source of the mosfet.
2
GND
Ground
3
N/A
No Connector
4
VDD
Output
5
FB
Feedback
6
SW
Switch output
PAD1
Connected to PIN 6 internally
PAD2
Need to connect to GND
Function Block Diagram
Absolute Maximum Ratings
Supply Input Voltage-------------------------------------------------------------------------------------------------------
6V
SW Pin Switch Voltage---------------------------------------------------------------------------------
−0.3V to (Vout + 0.8V)
Other I/O Pin Voltages----------------------------------------------------------------------------------
−0.3V to (Vout + 0.3V)
SW Pin Switch Current ----------------------------------------------------------------------------------------------------
2.5A
SW Pin Voltage(max) -------------------------------------------------------------------------------------
23V
Lead Temperature (Soldering, 10 sec.) ----------------------------------------------------------------------------------260°C
Storage Temperature Range --------------------------------------------------------------------------------- −65°C to 150°C
ESD Susceptibility
HBM (Human Body Mode) ----------------------------------------------------------------------------------------------------2kV
MM(Machine-Mode)-----------------------------------------------------------------------------------------------------------200V
Recommended Operating Conditions
Supply Input Voltage-------------------------------------------------------------------------------------------------1.6V to 6.5V
Operation Ambient Temperature Range------------------------------------------------------------------ −40°C to 85°C
LP6203



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com