Electronic Components Datasheet Search
  English  ▼

X  

LP6203 Datasheet(PDF) 6 Page - Lowpower Semiconductor inc

Part # LP6203
Description  High Efficiency Boost DC/DC Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP6203 Datasheet(HTML) 6 Page - Lowpower Semiconductor inc

  LP6203 Datasheet HTML 1Page - Lowpower Semiconductor inc LP6203 Datasheet HTML 2Page - Lowpower Semiconductor inc LP6203 Datasheet HTML 3Page - Lowpower Semiconductor inc LP6203 Datasheet HTML 4Page - Lowpower Semiconductor inc LP6203 Datasheet HTML 5Page - Lowpower Semiconductor inc LP6203 Datasheet HTML 6Page - Lowpower Semiconductor inc LP6203 Datasheet HTML 7Page - Lowpower Semiconductor inc LP6203 Datasheet HTML 8Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Preliminary Datasheet
LP6203
LP6203 –01 Ver. 1.1 Datasheet
FEB.-2009
Page 6 of 8
LX Pin Wave Form & Output Ripple
Time (1µS/Div)
VIN=2.4 VOUT=3.3V @ 200mA
LX Pin Wave Form & Output Ripple
Time (1µS/Div)
VIN=1.8 VOUT=3.3V @ 200mA
LX Pin Wave Form & Output Ripple
Time (1µS/Div)
VIN=1.5 VOUT=3.3V @ 200mA
LX Pin Wave Form & Output Ripple
Time (1µS/Div)
VIN=3.3V VOUT=5V @ 200mA
LX Pin Wave Form & Output Ripple
Time (1µS/Div)
VIN=2.4V VOUT=5V @ 200mA
LX Pin Wave Form & Output Ripple
Time (1µS/Div)
VIN=4V VOUT=5V @ 200mA



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com