Electronic Components Datasheet Search
  English  ▼

X  

LP6203 Datasheet(PDF) 3 Page - Lowpower Semiconductor inc

Part # LP6203
Description  High Efficiency Boost DC/DC Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP6203 Datasheet(HTML) 3 Page - Lowpower Semiconductor inc

  LP6203 Datasheet HTML 1Page - Lowpower Semiconductor inc LP6203 Datasheet HTML 2Page - Lowpower Semiconductor inc LP6203 Datasheet HTML 3Page - Lowpower Semiconductor inc LP6203 Datasheet HTML 4Page - Lowpower Semiconductor inc LP6203 Datasheet HTML 5Page - Lowpower Semiconductor inc LP6203 Datasheet HTML 6Page - Lowpower Semiconductor inc LP6203 Datasheet HTML 7Page - Lowpower Semiconductor inc LP6203 Datasheet HTML 8Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Preliminary Datasheet
LP6203
LP6203 –01 Ver. 1.1 Datasheet
FEB.-2009
Page 3 of 8
Electrical Characteristics
(VIN = 1.5V, VDD set to 3.3V, Load Current = 0, TA = 25°C, unless otherwise specified)
Parameter
Test Conditions
Min
Typ
Max
Units
Start-UP Voltage
IL = 1mA
1.50
1.55
V
Operating VDD Range
VDD pin voltage
2
6.5
V
No Load Current I (VIN)
VIN = 2V, VOUT = 6V
19
µA
Feedback Reference
Voltage
Close Loop, VDD = 3.3V
1.187
1.212
1.237
V
Switching Frequency
VDD = 3.3V
KHz
Maximum Duty
VDD = 3.3V
80
%
SW ON Resistance
VDD = 3.3V
0.3
Ω
Current Limit Setting
VDD = 3.3V
2.5
A
Line Regulation
VIN = 1.5 ~ 2.5V, IL = 1mA
10
mV/V
Load Regulation
VIN = 2.5V, IL = 1 ~ 100mA
0.25
mV/mA
Temperature Stability for
VOUT
50
ppm/℃
Thermal Shutdown
165
℃
Thermal Shutdown
Hysterises
10
℃



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com