Electronic Components Datasheet Search
  English  ▼

X  

LP6203 Datasheet(PDF) 1 Page - Lowpower Semiconductor inc

Part # LP6203
Description  High Efficiency Boost DC/DC Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP6203 Datasheet(HTML) 1 Page - Lowpower Semiconductor inc

  LP6203 Datasheet HTML 1Page - Lowpower Semiconductor inc LP6203 Datasheet HTML 2Page - Lowpower Semiconductor inc LP6203 Datasheet HTML 3Page - Lowpower Semiconductor inc LP6203 Datasheet HTML 4Page - Lowpower Semiconductor inc LP6203 Datasheet HTML 5Page - Lowpower Semiconductor inc LP6203 Datasheet HTML 6Page - Lowpower Semiconductor inc LP6203 Datasheet HTML 7Page - Lowpower Semiconductor inc LP6203 Datasheet HTML 8Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Preliminary Datasheet
LP6203
LP6203 –01 Ver. 1.1 Datasheet
FEB.-2009
Page 1 of 8
High Efficiency Boost DC/DC Regulator
General Description
The LP6203 is a compact, high efficiency, and low
voltage step-up DC/DC converter including an
error amplifier, ramp generator, comparator,
switch pass element and driver in which providing
a stable and high efficient operation over a wide
range of load currents. It operates in stable
waveforms without external compensation.
The low start-up input voltage below 1.6V makes
LP6203 suitable for 2 to 4 battery cells applications
of providing up to 1A output current. The high
switching rate minimized the size of external
components. Besides, the 19µA low quiescent
current together with high efficiency maintains
long battery lifetime.
The output voltage is set with two external
resistors.
Ordering Information
LP6203 - □ □
F: Pb-Free
Package Type
QV: TDFN-6
Applications
AlK. Battery products
Marking Information
Please see website.
Features
1.6V Start-up Input Voltage
Output up to 20V
High Supply Capability to Deliver 6V 500mA
with 2 Alkaline Cell
19µA Quiescent (Switch-off) Supply Current
Zero Shutdown Mode Supply Current
90% Efficiency
Up to 450KHz Switching Frequency
Using Internal Power Switches
Small DFN2*2-6 Package 
Typical Application Circuit
LP6203QVF
4
1
3
5
VDD
SOE
N/A
FB
+
10uF
0.01
R2
500K
SS24
R1
1.5M
Vin
10uH
Vout
22pF
22pF
1K
+
Cout
47uF
1uF
Pin Configurations
TDFN-6(Top View)


Similar Part No. - LP6203

ManufacturerPart #DatasheetDescription
logo
Lowpower Semiconductor ...
LP6201 POWER-LP6201 Datasheet
520Kb / 9P
Low voltage start-up:0.9V
LP6202 POWER-LP6202 Datasheet
235Kb / 7P
Synchronous Boost DC/DC Regulator
LP6202-B6F POWER-LP6202-B6F Datasheet
235Kb / 7P
Synchronous Boost DC/DC Regulator
LP6202A POWER-LP6202A Datasheet
236Kb / 6P
Synchronous Boost DC/DC Regulator
LP6202AA-B6F POWER-LP6202AA-B6F Datasheet
236Kb / 6P
Synchronous Boost DC/DC Regulator
More results

Similar Description - LP6203

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6644 SIPEX-SP6644 Datasheet
201Kb / 15P
Single/Dual Alkaline Cell, High Efficiency Boost DC-DC Regulator
SP6649 SIPEX-SP6649 Datasheet
139Kb / 9P
Ultra-low Quiescent Current, High Efficiency Boost DC-DC Regulator
SP6644 SIPEX-SP6644_05 Datasheet
215Kb / 15P
Single/Dual Alkaline Cell, High Efficiency Boost DC-DC Regulator
logo
Lowpower Semiconductor ...
LP6208 POWER-LP6208 Datasheet
122Kb / 1P
Tink Package, High Efficiency Boost DC/DC Regulator
logo
Linear Technology
LTM4605 LINER-LTM4605_15 Datasheet
312Kb / 26P
High Efficiency Buck-Boost DC/DC Module Regulator
logo
Lowpower Semiconductor ...
LP6226 POWER-LP6226 Datasheet
935Kb / 7P
High Efficiency Boost DC/DC Convertor
LP6222 POWER-LP6222 Datasheet
651Kb / 9P
High Efficiency Boost DC/DC Convertor
LP6239 POWER-LP6239 Datasheet
311Kb / 6P
High Efficiency Boost DC/DC Controller
LP6240 POWER-LP6240 Datasheet
311Kb / 6P
High Efficiency Boost DC/DC Controller
logo
Shenzhen Huazhimei Semi...
HM1531 HMSEMI-HM1531 Datasheet
518Kb / 6P
HM1531 High Efficiency DC-DC Boost Regulator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com