Electronic Components Datasheet Search
  English  ▼

X  

DM132 Datasheet(PDF) 13 Page - Silicon Touch Technology Inc.

Part # DM132
Description  16-Channel PWM-Controlled Constant Current Driver for LED Displays
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

DM132 Datasheet(HTML) 13 Page - Silicon Touch Technology Inc.

Back Button DM132 Datasheet HTML 9Page - Silicon Touch Technology Inc. DM132 Datasheet HTML 10Page - Silicon Touch Technology Inc. DM132 Datasheet HTML 11Page - Silicon Touch Technology Inc. DM132 Datasheet HTML 12Page - Silicon Touch Technology Inc. DM132 Datasheet HTML 13Page - Silicon Touch Technology Inc. DM132 Datasheet HTML 14Page - Silicon Touch Technology Inc. DM132 Datasheet HTML 15Page - Silicon Touch Technology Inc. DM132 Datasheet HTML 16Page - Silicon Touch Technology Inc. DM132 Datasheet HTML 17Page - Silicon Touch Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
點晶科技股份有限公司
SILICON TOUCH TECHNOLOGY INC.
DM132
DM132
Version
:A.014
Page
:12
Detailed Description
1) Time Division Operation
Since each DM132 output could drive 1 LED or 2 LEDs, the users can choose
either MODE1 luminance data or MODE2 luminance data. After the luminance data is
given, a command should be issued so that the driver can operate in MODE1 or in
MODE2. Figure 3 shows the route of data shift-in in MODE2. Later we will explain the
data structure of MODE1 and MODE2 in more details.
Figure 3. Block Diagram for Primary Bus.
Figure 4 shows how to switch between 2 LEDs. When “LED1 Emitting” command
is sent, LED1 PWM output will start 3 GCLK later. At the same time, the switch of
LED1 should be turned on. On the other hand, LED2 switch should be turned on when
LED2 PWM output starts. Again, “Disable” command must be sent before
“LED1/LED2 Emitting”. By periodically switching the emitting commands and LED
switches, we could drive 2 LEDs per channel.
Turn on
one of the
switches
One of Iout
ST2226A
System
LED1 Emitting
or
LED2 Emitting
Figure 4. System Configuration for MODE 2 Operation
Ch0 LED1
Ch0 LED2
Ch1 LED1
Ch1 LED2
DIN
DOUT
Ch15 LED1
Ch15 LED2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com