Electronic Components Datasheet Search
  English  ▼

X  

DM132 Datasheet(PDF) 2 Page - Silicon Touch Technology Inc.

Part # DM132
Description  16-Channel PWM-Controlled Constant Current Driver for LED Displays
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

DM132 Datasheet(HTML) 2 Page - Silicon Touch Technology Inc.

  DM132 Datasheet HTML 1Page - Silicon Touch Technology Inc. DM132 Datasheet HTML 2Page - Silicon Touch Technology Inc. DM132 Datasheet HTML 3Page - Silicon Touch Technology Inc. DM132 Datasheet HTML 4Page - Silicon Touch Technology Inc. DM132 Datasheet HTML 5Page - Silicon Touch Technology Inc. DM132 Datasheet HTML 6Page - Silicon Touch Technology Inc. DM132 Datasheet HTML 7Page - Silicon Touch Technology Inc. DM132 Datasheet HTML 8Page - Silicon Touch Technology Inc. DM132 Datasheet HTML 9Page - Silicon Touch Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
點晶科技股份有限公司
SILICON TOUCH TECHNOLOGY INC.
DM132
DM132
Version
:A.014
Page
:1
DM132
16-Channel PWM-Controlled Constant Current Driver
for LED Displays
General Description
The DM132 is a LED driver incorporating shift registers, data latches, 16-channel
constant current circuitry with current value set by an external resistor, 1024 gray level
PWM (Pulse Width Modulation) functional unit and time division capability. Each channel
can provide a maximum current of 60 mA. Time division operation allows driving up to 1 or
2 LEDs with a single output channel (mode-1 and mode-2 respectively).
Features
˙
Constant current outputs with current value settings by an external resistor
˙
Maximum output current: 60 mA
˙
Time division output allows the driving of 1 or 2 LEDs with a single output
˙
Maximum / minimum output voltage: 20V / 1.1V
˙
10 bits luminance data with PWM current outputs
˙
Serial shift-in architecture for luminance data in time division Mode 1 and Mode 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com