Electronic Components Datasheet Search
  English  ▼

X  

DM132 Datasheet(PDF) 7 Page - Silicon Touch Technology Inc.

Part # DM132
Description  16-Channel PWM-Controlled Constant Current Driver for LED Displays
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

DM132 Datasheet(HTML) 7 Page - Silicon Touch Technology Inc.

Back Button DM132 Datasheet HTML 3Page - Silicon Touch Technology Inc. DM132 Datasheet HTML 4Page - Silicon Touch Technology Inc. DM132 Datasheet HTML 5Page - Silicon Touch Technology Inc. DM132 Datasheet HTML 6Page - Silicon Touch Technology Inc. DM132 Datasheet HTML 7Page - Silicon Touch Technology Inc. DM132 Datasheet HTML 8Page - Silicon Touch Technology Inc. DM132 Datasheet HTML 9Page - Silicon Touch Technology Inc. DM132 Datasheet HTML 10Page - Silicon Touch Technology Inc. DM132 Datasheet HTML 11Page - Silicon Touch Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
點晶科技股份有限公司
SILICON TOUCH TECHNOLOGY INC.
DM132
DM132
Version
:A.014
Page
:6
Maximum Ratings (Ta = 25°C)
CHARACTERISTIC
SYMBOL
RATING
UNIT
Supply Voltage
VDD
-0.3 ~ 7
V
Input Voltage Range
VIN
-0.3 ~ DVDD+0.3
V
Driver Output Voltage Range
VOUT
-0.3 ~ 20
V
Driver Output Current
IOUT
0 ~ 60
mA
Ground Thermal Current
IGND
960
mA
Power Dissipation
PD
2.50, SDIP28
1.32, SOP28
0.88, SSOP28
2.92, QFN32
(Ta = 50 or less)
℃
W
Thermal Resistance
Θja
40.0, SDIP28
75.9, SOP28
113.3, SSOP28
34.2, QFN32
/ W
℃
Operating temperature range
Top
-40 ~ 85
℃
Storage temperature range
Tstg
-55 ~ 150
℃
Recommended Operating Conditions
DC Characteristics (Ta = 25
°C)
PARAMETER
SYMBOL
CONDITIONS
MIN
NOM
MAX
UNIT
Supply voltage
VDD
-
2.7
5
5.5
V
Driver output voltage when driver on
VOUT
-
1.1
-
5
V
Driver output voltage when driver off
1
VOUT
-
0
-
20
V
Driver output current
IOUT
OUTn
5
-
60
mA
High-level output current
IOH
SERIAL-OUT
-
-
-1
mA
Low-level output current
IOL
SERIAL-OUT
-
-
1
mA
High-level input voltage
VIH
-
0.8VDD
-
VDD+0.2
V
Low-level input voltag
VIL
-
-0.2
-
0.2 DVDD
V
Operating free-air temperature
2
Top
-
-20
-
80
℃
AC Characteristics (VDD = 5.0 V, Ta = 25°C)
PARAMETER
SYMBOL
CONDITIONS
MIN
NOM
MAX
UNIT
DCLK clock frequency
fDCLK
-
-
-
20
MHz
DCLK pulse duration
twh / twl
High or low level
20
-
-
ns
DCLK rise/fall time
tr / tf
-
-
-
40
ns
GCLK clock frequency
fGCLK
-
-
-
20
MHz
GCLK pulse duration
twh / twl
High or low level
15
-
-
ns
GCLK rise/fall time
tr /tf
-
-
-
20
ns
Setup time
tsu
CMD to DCLK
DIN to DCLK
DCLK to CMD
25
25
25
-
-
ns
Hold time
th / twh
CMD to DCLK
DIN to DCLK
DCLK to CMD
25
25
25
-
-
ns
1. The driver output voltage including any overshoot stress has to be compliant with the maximum voltage (17V).
2. Recommended junction temperature range is from –20 to 150 ℃
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com