Electronic Components Datasheet Search
  English  ▼

X  

DM132 Datasheet(PDF) 22 Page - Silicon Touch Technology Inc.

Part # DM132
Description  16-Channel PWM-Controlled Constant Current Driver for LED Displays
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

DM132 Datasheet(HTML) 22 Page - Silicon Touch Technology Inc.

Back Button DM132 Datasheet HTML 16Page - Silicon Touch Technology Inc. DM132 Datasheet HTML 17Page - Silicon Touch Technology Inc. DM132 Datasheet HTML 18Page - Silicon Touch Technology Inc. DM132 Datasheet HTML 19Page - Silicon Touch Technology Inc. DM132 Datasheet HTML 20Page - Silicon Touch Technology Inc. DM132 Datasheet HTML 21Page - Silicon Touch Technology Inc. DM132 Datasheet HTML 22Page - Silicon Touch Technology Inc. DM132 Datasheet HTML 23Page - Silicon Touch Technology Inc. DM132 Datasheet HTML 24Page - Silicon Touch Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
點晶科技股份有限公司
SILICON TOUCH TECHNOLOGY INC.
DM132
DM132
Version
:A.014
Page
:21
SSOP28
D
DETAIL A
C
θ2
R
R1
GAUGE PLANE
DETAIL A
L
θ1
θ
ZD
B
e
0.1MM
C
SEATING PLANE
NOTES: DIMENSION D DOES NOT INCLUDE MODE PROTRUSIONS
OR GATE BURRS.
MOLD PROTRUSIONS AND GATE BURRS SHALL NOT EXCEED
0.006 INCH PER SIDE
JEDEC
θ2
θ1
θ
R
R1
ZD
h
L
E1
E
D
e
C
B
A2
A1
A
SYMBOL
MIN.
NOM.
MAX.
MIN.
NOM.
MAX.
DIMENSION IN MM
DIMENSION IN INCH
1.35
1.63
1.75
0.053
0.064
0.069
0.1
0.15
0.25
0.004
0.006
0.01
1.5
0.059
0.2
0.3
0.008
0.012
0.18
0.25
0.007
0.01
0.635 BASIC
0.025 BASIC
9.80
9.91
10.01
0.386
0.39
0.394
5.79
5.99
6.20
0.228
0.236
0.244
3.81
3.91
3.99
0.150
0.154
0.157
0.41
0.635
1.27
0.016
0.025
0.05
0.25
0.5
0.01
0.02
0.838 REF
0.033 REF
0.2
0.33
0.008
0.013
0.2
0.008
0
8
0
8
0
0
5
10
15
5
10
15
MO - 137 (AF)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com