Electronic Components Datasheet Search
  English  ▼

X  

DM132 Datasheet(PDF) 8 Page - Silicon Touch Technology Inc.

Part # DM132
Description  16-Channel PWM-Controlled Constant Current Driver for LED Displays
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

DM132 Datasheet(HTML) 8 Page - Silicon Touch Technology Inc.

Back Button DM132 Datasheet HTML 4Page - Silicon Touch Technology Inc. DM132 Datasheet HTML 5Page - Silicon Touch Technology Inc. DM132 Datasheet HTML 6Page - Silicon Touch Technology Inc. DM132 Datasheet HTML 7Page - Silicon Touch Technology Inc. DM132 Datasheet HTML 8Page - Silicon Touch Technology Inc. DM132 Datasheet HTML 9Page - Silicon Touch Technology Inc. DM132 Datasheet HTML 10Page - Silicon Touch Technology Inc. DM132 Datasheet HTML 11Page - Silicon Touch Technology Inc. DM132 Datasheet HTML 12Page - Silicon Touch Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
點晶科技股份有限公司
SILICON TOUCH TECHNOLOGY INC.
DM132
DM132
Version
:A.014
Page
:7
Electrical Characteristics (VDD = 5.0V, Ta = 25°C)
PARAMETER
SYMBOL
CONDITIONS
MIN
NOM
MAX
UNIT
High-level digital output voltage
VOH
-
VDD-0.5
-
-
V
Low-level digital output voltage
VOL
-
-
-
0.5
V
Input current
II
-
-
-
±1
μA
Supply current (Digital)
IDD(digital)
DCLK = 1MHz
GCLK = 1MHz
-
1
1.5
mA
Supply current (Analog)
IDD(analog)
REXT = 3K
-
10.4
11.2
mA
Voltage reference
VRext
Rext = 2KΩ
1.200
1.228
1.255
V
Driver output leakage current
IOL
VOH = 17V
-
-
1
μA
Driver current skew between
channels
IOL1
VOUT = 1V, I = 5mA
-
± 2
± 4
%
Driver current skew between
chips
IOL2
VOUT = 1V, I = 5mA
-
± 5
± 7
%
Supply Voltage Regulation
% / VDD
Rext = 3KΩ
-
-
2
% / V
Switching Characteristics (VDD = 5.0V, Ta = 25°C)
CHARACTERISTIC
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNIT
DOUT Rise time
tr
-
12
14
ns
DOUT Fall time
tf
-
9
11
ns
DOUT Propagation delay (L to H)
tpLH
-
22
23
ns
DOUT Propagation delay (H to L)
tpHL
VIH=VDD
VIL=GND
REXT=3K
Ω
CL=13pF
-
21
22
ns
IOUT Rise time
tr
-
23
25
ns
IOUT Fall time
tf
-
22
24
ns
IOUT Propagation delay
After GCLK (L to H / OFF to ON)
tpLH
-
17
19
ns
IOUT Propagation delay
After GCLK (H to L / ON to OFF)
tpHL
VIH=VDD
VIL=GND
REXT=3K
Ω
VLED=5.0V
RL=120
Ω
CL=33pF
-
17
19
ns
Switching Characteristics (VDD = 3.3V, Ta = 25°C)
CHARACTERISTIC
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNIT
DOUT Rise time
tr
-
12
14
ns
DOUT Fall time
tf
-
9
11
ns
DOUT Propagation delay (L to H)
tpLH
-
25
26
ns
DOUT Propagation delay (H to L)
tpHL
VIH=VDD
VIL=GND
REXT=3K
Ω
CL=13pF
-
23
24
ns
IOUT Rise time
tr
-
41
43
ns
IOUT Fall time
tf
-
24
26
ns
IOUT Propagation delay
After GCLK (L to H / OFF to ON)
tpLH
-
20
22
ns
IOUT Propagation delay
After GCLK (H to L / ON to OFF)
tpHL
VIH=VDD
VIL=GND
REXT=3K
Ω
VLED=5.0V
RL=120
Ω
CL=33pF
-
24
26
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com