| Electronic Components Datasheet Search |
|
SE95DP Datasheet(PDF) 20 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
SE95DP Datasheet(HTML) 20 Page - NXP Semiconductors |
|
20 / 27 page ![]() SE95_7 © NXP B.V. 2009. All rights reserved. Product data sheet Rev. 07 — 2 September 2009 20 of 27 NXP Semiconductors SE95 Ultra high accuracy digital temperature sensor and thermal watchdog 15. Package outline Fig 19. Package outline SOT96-1 (SO8) UNIT A max. A1 A2 A3 bp cD(1) E(2) (1) eHE LLp QZ y w v θ REFERENCES OUTLINE VERSION EUROPEAN PROJECTION ISSUE DATE IEC JEDEC JEITA mm inches 1.75 0.25 0.10 1.45 1.25 0.25 0.49 0.36 0.25 0.19 5.0 4.8 4.0 3.8 1.27 6.2 5.8 1.05 0.7 0.6 0.7 0.3 8 0 o o 0.25 0.1 0.25 DIMENSIONS (inch dimensions are derived from the original mm dimensions) Notes 1. Plastic or metal protrusions of 0.15 mm (0.006 inch) maximum per side are not included. 2. Plastic or metal protrusions of 0.25 mm (0.01 inch) maximum per side are not included. 1.0 0.4 SOT96-1 X w M θ A A1 A2 b p D HE L p Q detail X E Z e c L v M A (A ) 3 A 4 5 pin 1 index 1 8 y 076E03 MS-012 0.069 0.010 0.004 0.057 0.049 0.01 0.019 0.014 0.0100 0.0075 0.20 0.19 0.16 0.15 0.05 0.244 0.228 0.028 0.024 0.028 0.012 0.01 0.01 0.041 0.004 0.039 0.016 0 2.5 5 mm scale SO8: plastic small outline package; 8 leads; body width 3.9 mm SOT96-1 99-12-27 03-02-18 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |