Electronic Components Datasheet Search
  English  ▼

X  

SE95DP Datasheet(PDF) 10 Page - NXP Semiconductors

Part # SE95DP
Description  Ultra high accuracy digital temperature sensor and thermal watchdog
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SE95DP Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button SE95DP Datasheet HTML 6Page - NXP Semiconductors SE95DP Datasheet HTML 7Page - NXP Semiconductors SE95DP Datasheet HTML 8Page - NXP Semiconductors SE95DP Datasheet HTML 9Page - NXP Semiconductors SE95DP Datasheet HTML 10Page - NXP Semiconductors SE95DP Datasheet HTML 11Page - NXP Semiconductors SE95DP Datasheet HTML 12Page - NXP Semiconductors SE95DP Datasheet HTML 13Page - NXP Semiconductors SE95DP Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
SE95_7
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 07 — 2 September 2009
10 of 27
NXP Semiconductors
SE95
Ultra high accuracy digital temperature sensor and thermal watchdog
When reading register Temp, all 16 bits of the two data bytes (MSByte and LSByte) must
be collected and then the two’s complement data value according to the desired resolution
must be selected for the temperature calculation. Table 8 shows the example for 11-bit
two’s complement data value, Table 9 shows the example for 13-bit two’s complement
data value.
When converting into the temperature the proper resolution must be used as listed in
Table 10 using either one of these two formulae:
1. If the Temp data MSB = 0, then: Temp (
°C) = +(Temp data) × value resolution
2. If the Temp data MSB = 1, then: Temp (
°C) = −(two’s complement Temp data) × value
resolution
Table 11 shows some examples of the results for the 11-bit calculations.
Table 8.
Example 11-bit two’s complement Temp register
MSByte
LSByte
7654321076543210
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
XXXXX
Table 9.
Example 13-bit two’s complement register
MSByte
LSByte
7654321076543210
D12 D11 D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
X
X
X
Table 10.
Temp data and Temp value resolution
Data resolution
Value resolution
8 bit
1.0
°C
9 bit
0.5
°C
10 bit
0.25
°C
11 bit
0.125
°C
12 bit
0.0625
°C
13 bit
0.03125
°C
Table 11.
Temp register value
11-bit binary
(two’s complement)
Hexadecimal value
Decimal value
Value
011 1111 1000
3F8
1016
+127.000
°C
011 1111 0111
3F7
1015
+126.875
°C
011 1111 0001
3F1
1009
+126.125
°C
011 1110 1000
3E8
1000
+125.000
°C
000 1100 1000
0C8
200
+25.000
°C
000 0000 0001
001
1
+0.125
°C
000 0000 0000
000
0
0.000
°C
111 1111 1111
7FF
−1
−0.125 °C
111 0011 1000
738
−200
−25.000 °C
110 0100 1001
649
−439
−54.875 °C
110 0100 1000
648
−440
−55.000 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com