Electronic Components Datasheet Search
  English  ▼

X  

33784 Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # 33784
Description  DSI 2.02 Sensor Interface
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33784 Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  33784_09 Datasheet HTML 1Page - Freescale Semiconductor, Inc 33784_09 Datasheet HTML 2Page - Freescale Semiconductor, Inc 33784_09 Datasheet HTML 3Page - Freescale Semiconductor, Inc 33784_09 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33784_09 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33784_09 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33784_09 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33784_09 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33784_09 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
3
33784
PIN CONNECTIONS
PIN CONNECTIONS
Figure 3. 33784 Pin Connections
Table 1. 33784 Pin Definitions
A functional description of each pin can be found in the Functional Pin Description section beginning on page 10.
Pin Number
Pin Name
Pin
Function
Formal Name
Definition
1
REGOUT
Output
Regulator
Output
Pin provides a regulated 5.0V output. The power is derived from the bus.
2
TEST2
Test
Test2
This pin must be grounded in the application.
3
4
5
I/O0
I/O1
I/O2
Input/Output
Logic I/O
Pins can be used to provide a logic level output or a logic input.
6, 8
AN0,AN1
Input
Analog Input
Inputs to the ADC.
7
AGND
Ground
Reference
Analog Ground
Pin is the low reference level and power return for the analog-to-digital
converter (ADC). It is internally connected to RTNIN.
9
TEST1
Test
Test1
This pin must be grounded in the application.
10
IDDQ
Test
IDDQ
Input pin for measuring device quiescent current. Must be left open in the
application.
11
TOUT
Test
Test Output
This pin must be grounded in the application.
12
RTNOUT
Power
Bus Return
Switched RTNIN pin, attaches to the next RTNIN pin in the daisy chain.
13
RTNIN
Power
Bus Return
Pin attaches to the low side of the differential bus, and provides the common
return for power and signalling. It is internally connected to AGND.
14
BUSOUT
Output
DBUS Output
Switched BUSIN Pin, attaches to the next BUSIN pin in the daisy chain.
15
BUSIN
Input
DBUS Input
Pin attaches to the high side of the differential bus and responds to
initialization commands.
16
H_CAP
Output
Holding
Capacitor
A capacitor attached to this pin is charged by the bus during bus idle and
supplies current to run the device and for external devices via the REGOUT
pin during non-idle periods.
REGOUT
TEST2
I/O0
I/O1
I/O2
AN0
AGND
AN1
H_CAP
BUSIN
BUSOUT
RTNIN
RTNOUT
TOUT
IDDQ
TEST1
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com