Electronic Components Datasheet Search
  English  ▼

X  

33784 Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # 33784
Description  DSI 2.02 Sensor Interface
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33784 Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button 33784_09 Datasheet HTML 3Page - Freescale Semiconductor, Inc 33784_09 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33784_09 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33784_09 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33784_09 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33784_09 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33784_09 Datasheet HTML 9Page - Freescale Semiconductor, Inc 33784_09 Datasheet HTML 10Page - Freescale Semiconductor, Inc 33784_09 Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
7
33784
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
Absolute Error(8)
0.5V < Input Voltage < 4.5V
ADCABS
-4.0
–
+4.0
LSB
ADC Code Conversion Error (DNL)
Source Resistance < 1.0 k
Ω
ADCDNL
–
–
2.0
LSB
I/O Input Levels
Input High Voltage
Input Low Voltage
VIH
VIL
70%*VREG
–
–
–
–
30%*VREG
V
I/O Input Hysteresis(8)
VHYS
300
mV
I/O Logic Output Levels
Output Low (IL = 1.0mA)
Output High (IL = -500μA)
VOL
VOH
0
VREGOUT -
0.8
–
–
0.8
VREGOUT
V
POR Detect Thresholds
Voltage at HCAP
Voltage at REGOUT
VPORHCAP
VPORREG
6.0
4.25
6.39
4.5
6.77
4.75
V
Notes
8.
Assured by design.
Table 3. Static Electrical Characteristics (continued)
Characteristics noted under conditions -0.3V
≤ VBUSIN ≤ 30V, 6.0V ≤ VH_CAP ≤ 30V, -40°C ≤ TA ≤ 125°C,
RTNIN=AGND = 0V, unless otherwise noted. Typical values noted reflect the approximate parameter means at TA = 25°C under
nominal conditions, unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com