Electronic Components Datasheet Search
  English  ▼

X  

33784 Datasheet(PDF) 14 Page - Freescale Semiconductor, Inc

Part # 33784
Description  DSI 2.02 Sensor Interface
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33784 Datasheet(HTML) 14 Page - Freescale Semiconductor, Inc

Back Button 33784_09 Datasheet HTML 10Page - Freescale Semiconductor, Inc 33784_09 Datasheet HTML 11Page - Freescale Semiconductor, Inc 33784_09 Datasheet HTML 12Page - Freescale Semiconductor, Inc 33784_09 Datasheet HTML 13Page - Freescale Semiconductor, Inc 33784_09 Datasheet HTML 14Page - Freescale Semiconductor, Inc 33784_09 Datasheet HTML 15Page - Freescale Semiconductor, Inc 33784_09 Datasheet HTML 16Page - Freescale Semiconductor, Inc 33784_09 Datasheet HTML 17Page - Freescale Semiconductor, Inc 33784_09 Datasheet HTML 18Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 30 page
background image
Analog Integrated Circuit Device Data
14
Freescale Semiconductor
33784
FUNCTIONAL DEVICE OPERATION
OPERATIONAL MODES
FUNCTIONAL DEVICE OPERATION
OPERATIONAL MODES
INPUT/OUTPUT PINS
There are three I/O pins on the 33784 that can serve as
either logic inputs or logic outputs. At power-up or after a
Clear Command, the pins default to inputs. They can be
individually configured as outputs as needed via the I/O
Control Command on the bus.
ADDRESSING
The 33784 may be connected in a daisy chain to other
DBUS devices. If this device is connected in a daisy chain,
then it will receive its 4-bit address during initialization on the
bus.
TEST MODE
The 33784 can be configured in a special test mode for
evaluation purposes. The test mode can only be entered if all
of the following conditions are true:
• The TEST1 pin is at a logic high level
• The correct test mode command is sent to the device on
the bus
• One of the internal test mode registers is accessed
Accessing the test mode registers and writing different
values to them can change the behavior of many of the pins
on the device, including the TOUT pin, which is only active in
test mode. The test mode can be intermixed with other bus
commands to evaluate the behavior of internal circuit blocks.
To prevent accidental activation of the test mode, the
TEST1 pin should be tied externally to AGND. The TOUT pin
should be grounded when not in TEST mode.
Table 5. 10-Bit ADC Value Mapping
Hex
Description
03FF
Prohibited
•
•
•
•
•
•
03F9
Prohibited
03F8
Error Code
03F7
Prohibited
•
•
•
•
•
•
03E4
Prohibited
03E3
G Range
•
•
•
•
•
•
0020
G Range
001F
Prohibited
•
•
•
•
•
•
0000
Prohibited
Table 6. 8-Bit ADC Value Mapping
Hex
Description
FF
Prohibited
FE
Error Code
FD
Prohibited
••
••
••
FA
Prohibited
F9
Prohibited
F8
G Range
••
••
••
08
G Range
07
Prohibited
••
••
••
02
Prohibited
01
Prohibited
00
Prohibited
Table 6. 8-Bit ADC Value Mapping
Hex
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com