Electronic Components Datasheet Search
  English  ▼

X  

33784 Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # 33784
Description  DSI 2.02 Sensor Interface
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33784 Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button 33784_09 Datasheet HTML 2Page - Freescale Semiconductor, Inc 33784_09 Datasheet HTML 3Page - Freescale Semiconductor, Inc 33784_09 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33784_09 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33784_09 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33784_09 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33784_09 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33784_09 Datasheet HTML 9Page - Freescale Semiconductor, Inc 33784_09 Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
Analog Integrated Circuit Device Data
6
Freescale Semiconductor
33784
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
Bus Switch Resistance Matching
= | RSWH - RSWL |, TA = 25°C
= | RSWH - RSWL |, TA = 125°C
RDSW
–
–
0.3
0.6
Ω
I/O0, I/O1, I/O2, and TEST Pull-down Current
VIN = 1.0V
IPD
5.0
–
20
μA
I/O0, I/O1, I/O2, and TEST Leakage Current
I/On, TEST = 0V
ILK
-10
–
10
μA
AN0, AN1 Pull-down Current (Enabled mode)
VIN = 1.0V(6)
IPDANn
5.0
–
20
μA
AN0, AN1 Leakage Current (Disabled mode)(6)
IANnLKG
-1.0
–
1.0
μA
BUSIN Logic Thresholds
Signal
Frame
VTHS
VTHF
2.8
5.5
3.0
6.0
3.2
6.5
V
BUSIN Hysteresis
Signal
Frame
VHYSS
VHYSF
60
100
–
–
120
300
mV
BUSIN Response Current
VBUSIN = 4.0V
VBUSIN = 1.175V
IRSP
9.9
7.0
11
–
12.1
–
mA
BUSIN, BUSOUT Leakage Current
High Side Bus Switch Open
BUSIN = 25V, BUSOUT = 0V
BUSIN= 0V, BUSOUT = 16V
IBUSINLK
-20
–
20
μA
RTNIN, RTNOUT Leakage Current
Low Side Bus Switch Open
RTNIN = 14V, RTNOUT = 0V
RTNIN = 0V, RTNOUT = 16V
IBUSRTNLK
-20
-125
–
–
20
125
μA
RTNIN to BUSOUT Leakage Current
High Side Bus Switch Open
RTNIN = 14, BUSOUT 0V
ICROSSLK
-20
–
20
μA
ADC Resolution
ADCRES
10
10
10
bit
ANn Input Capacitance(7)
CADC
–
–
20
pF
Input Source Impedance(7)
ZIN
–
–
5.0
k
Ω
ADC Code Conversion Error (INL)
Source Resistance < 1.0k
Ω
ADCINL
-3.5
–
+3.5
LSB
Full Scale Error
ADCFS
-3.5
–
+3.5
LSB
6.
In the default, AN0 pull-down current is disabled and AN1 pull-down current is enabled. AN1 pull-down current is disabled during AN1
A2D conversion. At the same time, AN0 pull-down current is enabled.
7.
Assured by design.
Table 3. Static Electrical Characteristics (continued)
Characteristics noted under conditions -0.3V
≤ VBUSIN ≤ 30V, 6.0V ≤ VH_CAP ≤ 30V, -40°C ≤ TA ≤ 125°C,
RTNIN=AGND = 0V, unless otherwise noted. Typical values noted reflect the approximate parameter means at TA = 25°C under
nominal conditions, unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com