Electronic Components Datasheet Search
  English  ▼

X  

33784 Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # 33784
Description  DSI 2.02 Sensor Interface
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33784 Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button 33784_09 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33784_09 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33784_09 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33784_09 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33784_09 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33784_09 Datasheet HTML 9Page - Freescale Semiconductor, Inc 33784_09 Datasheet HTML 10Page - Freescale Semiconductor, Inc 33784_09 Datasheet HTML 11Page - Freescale Semiconductor, Inc 33784_09 Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
Analog Integrated Circuit Device Data
8
Freescale Semiconductor
33784
ELECTRICAL CHARACTERISTICS
DYNAMIC ELECTRICAL CHARACTERISTICS
DYNAMIC ELECTRICAL CHARACTERISTICS
Table 4. Dynamic Electrical Characteristics
Characteristics noted under conditions -0.3V
≤ VBUSIN or VBUSOUT ≤ 30V, 6.0V ≤ VH_CAP ≤ 30V, -40°C ≤ TA ≤ 125°C,
AGND = 0V, unless otherwise noted. Typical values noted reflect the approximate parameter means at TA = 25°C under nominal
conditions, unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit
Internal Oscillator Frequency
fOSC
9.0
10.0
11.0
MHz
Internal Oscillator Duty Cycle
DCOSC
45
50
55
%
Initialization to Bus Switches Close
tBS
–
–
50
μs
Communication Data Rate
DRATE
100
–
200
kbps
Loss of Signal Reset Time(9)
Maximum Time for BUSIN to Be Below Frame Threshold
tTO
2.0
–
4.0
ms
ADC Code Conversion Time(10)
tADC
–
–
20
μs
BUSIN Response Current Slew Rate
1.0mA to 9.0mA Transition Rise
9.0mA to 1.0mA Transition Fall
tITR_R
tITR_F
–
–
–
–
8.0
8.0
mA/
μs
BUSIN Timing to Response Current
BUSIN Negative Voltage Transition = 3.0V to IRSP = 7.0mA Rise
TA = -40°C
TA = +25°C
TA =+125°C
BUSIN Negative Voltage Transition = 3.0V to IRSP = 5.0mA Fall
tRSP_R
tRSP_F
–
–
–
–
–
–
–
–
2.5
2.5
3.0
2.5
μs
Bus Signal Duty Cycle(9)
Logic [0] (~ 1/3 + 20%)
Logic [1] (~ 2/3 + 20%)
DCL
DCH
25
54
33
67
40
80
%
I/O Transition Time (CLoad = 50pF)(9)
tTRIO
–
–
100
ns
I/O Delay from Input State Change to Status Register Valid(9)
tINDLYIO
–
–
300
ns
I/O Delay from DBUS Command to I/O Output State Change
tOUTDLYIO
–
11.5
15
μs
Delay from I/O1 Rising Edge to ADC Value = 3F8(9)
tADCDIS
–
–
300
ns
HCAP tPOR Mask
ON (rising edge)
OFF (falling edge)
tPORMASKHCAP
(ON)
tPORMASKHCAP
(OFF)
2.0
1.0
5.0
3.5
9.0
8.0
μs
REGOUT tPOR Mask
ON (rising edge)
OFF (falling edge)
tPORMASKREG
OUT(ON)
tPORMASKREG
OUT(OFF)
2.0
1.0
5.0
3.5
9.0
8.0
μs
Notes
9.
Assured by design.
10.
Assured by design. Conversion is started and completed during idle time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com