Electronic Components Datasheet Search
  English  ▼

X  

AD6642 Datasheet(PDF) 4 Page - Analog Devices

Part # AD6642
Description  Dual IF Receiver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6642 Datasheet(HTML) 4 Page - Analog Devices

  AD6642 Datasheet HTML 1Page - Analog Devices AD6642 Datasheet HTML 2Page - Analog Devices AD6642 Datasheet HTML 3Page - Analog Devices AD6642 Datasheet HTML 4Page - Analog Devices AD6642 Datasheet HTML 5Page - Analog Devices AD6642 Datasheet HTML 6Page - Analog Devices AD6642 Datasheet HTML 7Page - Analog Devices AD6642 Datasheet HTML 8Page - Analog Devices AD6642 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
AD6642
Rev. 0 | Page 4 of 32
SPECIFICATIONS
DC SPECIFICATIONS
AVDD = 1.8 V, DRVDD = 1.8 V, fS = 185 MSPS, 1.75 V p-p differential input, VIN = −1.0 dBFS differential input, and default SPI, unless
otherwise noted.
Table 1.
Parameter
Temperature
Min
Typ
Max
Unit
RESOLUTION
Full
11
Bits
ACCURACY
No Missing Codes
Full
Guaranteed
Offset Error
Full
−4.5
2
7.4
mV
Gain Error
Full
±3
±7
% FSR
Differential Nonlinearity (DNL)1
Full
±0.1
±0.5
LSB
Integral Nonlinearity (INL)1
Full
±0.2
±0.5
LSB
MATCHING CHARACTERISTIC
Offset Error
Full
−2.4
2.5
8.3
mV
Gain Error
Full
±1
±3
% FSR
TEMPERATURE DRIFT
Offset Error
Full
2
ppm/°C
Gain Error
Full
40
ppm/°C
ANALOG INPUT
Input Range
Full
1.4
1.75
2.0
V p-p
Input Common-Mode Voltage
Full
0.9
V
Input Resistance (Differential)
Full
20
kΩ
Input Capacitance2
Full
5
pF
POWER SUPPLIES
Supply Voltage
AVDD
Full
1.7
1.8
1.9
V
DRVDD
Full
1.7
1.8
1.9
V
Supply Current
IAVDD1
Full
265
291
mA
IDRVDD1 (1.8 V LVDS)
Full
79
89
mA
POWER CONSUMPTION
Sine Wave Input1
Full
619
684
mW
Standby Power3
Full
83
mW
Power-Down Power
Full
4.5
18
mW
1 Measured with a 10 MHz, 0 dBFS sine wave, with 100 Ω termination on each LVDS output pair.
2 Input capacitance refers to the effective capacitance between one differential input pin and AGND.
3 Standby power is measured with a dc input and the CLKx pins inactive (set to AVDD or AGND).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com