Electronic Components Datasheet Search
  English  ▼

X  

AD6642 Datasheet(PDF) 13 Page - Analog Devices

Part # AD6642
Description  Dual IF Receiver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6642 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD6642 Datasheet HTML 9Page - Analog Devices AD6642 Datasheet HTML 10Page - Analog Devices AD6642 Datasheet HTML 11Page - Analog Devices AD6642 Datasheet HTML 12Page - Analog Devices AD6642 Datasheet HTML 13Page - Analog Devices AD6642 Datasheet HTML 14Page - Analog Devices AD6642 Datasheet HTML 15Page - Analog Devices AD6642 Datasheet HTML 16Page - Analog Devices AD6642 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
AD6642
Rev. 0 | Page 13 of 32
0
–20
–40
–60
–80
–120
–100
–140
10
0
20304050
607080
90
FREQUENCY (MHz)
SECOND
HARMONIC
THIRD
HARMONIC
fS = 185MSPS
fIN = 230.3MHz @ –1.6dBFS
NSR 33% BW MODE, TW = 17
SNR = 69.3dB (71dBFS) (IN-BAND)
SFDR = 85.4dBc (IN-BAND)
Figure 11. Single-Tone FFT with fIN = 230.3 MHz, NSR Enabled
in 33% BW Mode with Tuning Word = 17
0
10
20
30
40
50
60
70
80
90
100
INPUT AMPLITUDE (dBFS)
SNR (dBc)
SFDR (dBc)
SNR (dBFS)
SFDR (dBFS)
Figure 12. Single-Tone SNR/SFDR vs. Input Amplitude (AIN)
with fIN = 70.3 MHz
60
65
70
75
80
85
90
95
60
110
160
210
260
300
INPUT FREQUENCY (MHz)
SNR (dBFS)
SFDR (dBc)
Figure 13. Single-Tone SNR/SFDR vs. Input Frequency (fIN)
with 1.75 V p-p Full Scale
60
65
70
75
80
85
90
95
60
110
160
210
260
300
INPUT FREQUENCY (MHz)
SNR (dBFS)
SFDR (dBc)
Figure 14. Single-Tone SNR/SFDR vs. Input Frequency (fIN)
with 2.0 V p-p Full Scale
50
55
60
65
70
75
80
85
90
95
30
50
70
90
110 130 150 170 190 210 230 250
SAMPLE RATE (MSPS)
SFDR (dBc)
SNR (dBFS)
Figure 15. Single-Tone SNR/SFDR vs. Sample Rate (fS)
with fIN = 70.1 MHz
0
–20
–40
–60
–80
–100
–120
10
0
2030
405060
708090
FREQUENCY (MHz)
fS = 185MSPS
fIN1 = 169.1MHz @ –7dBFS
fIN2 = 172.1MHz @ –7dBFS
SFDR = 81.8dBc
Figure 16. Two-Tone FFT with fIN1 = 169.1 MHz and fIN2 = 172.1 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com