Electronic Components Datasheet Search
  English  ▼

X  

AD6642 Datasheet(PDF) 19 Page - Analog Devices

Part # AD6642
Description  Dual IF Receiver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6642 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD6642 Datasheet HTML 15Page - Analog Devices AD6642 Datasheet HTML 16Page - Analog Devices AD6642 Datasheet HTML 17Page - Analog Devices AD6642 Datasheet HTML 18Page - Analog Devices AD6642 Datasheet HTML 19Page - Analog Devices AD6642 Datasheet HTML 20Page - Analog Devices AD6642 Datasheet HTML 21Page - Analog Devices AD6642 Datasheet HTML 22Page - Analog Devices AD6642 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
AD6642
Rev. 0 | Page 19 of 32
If a low jitter clock source is not available, another option is to
ac-couple a differential PECL signal to the sample clock input
pins, as shown in Figure 39. The AD9510/AD9511/AD9512/
AD9513/AD9514/AD9515/AD9516 clock drivers offer excellent
jitter performance.
100Ω
0.1µF
0.1µF
0.1µF
0.1µF
240Ω
240Ω
PECL DRIVER
50kΩ
50kΩ
CLK–
CLK+
CLOCK
INPUT
CLOCK
INPUT
AD951x
ADC
Figure 39. Differential PECL Sample Clock (Up to 625 MHz)
A third option is to ac-couple a differential LVDS signal to the
sample clock input pins, as shown in Figure 40. The AD9510/
AD9511/AD9512/AD9513/AD9514/AD9515/AD9516 clock
drivers offer excellent jitter performance.
100Ω
0.1µF
0.1µF
0.1µF
0.1µF
50kΩ
50kΩ
CLK–
CLK+
ADC
CLOCK
INPUT
CLOCK
INPUT
AD951x
LVDS DRIVER
Figure 40. Differential LVDS Sample Clock (Up to 625 MHz)
In some applications, it may be acceptable to drive the sample
clock inputs with a single-ended CMOS signal. In such applica-
tions, the CLK+ pin should be driven directly from a CMOS
gate, and the CLK− pin should be bypassed to ground with a
0.1 μF capacitor in parallel with a 39 kΩ resistor (see Figure 41).
OPTIONAL
100Ω
0.1µF
0.1µF
0.1µF
39kΩ
50Ω1
150Ω RESISTOR IS OPTIONAL.
CLK–
CLK+
ADC
VCC
1kΩ
1kΩ
CLOCK
INPUT
AD951x
CMOS DRIVER
Figure 41. Single-Ended 1.8 V CMOS Input Clock (Up to 200 MHz)
CLK+ can be driven directly from a CMOS gate. Although
the CLK+ input circuit supply is AVDD (1.8 V), this input is
designed to withstand input voltages of up to 3.6 V, making the
selection of the drive logic voltage very flexible (see Figure 42).
150Ω RESISTOR IS OPTIONAL.
OPTIONAL
100Ω
0.1µF
0.1µF
0.1µF
VCC
50Ω1
CLK–
CLK+
ADC
1kΩ
1kΩ
CLOCK
INPUT
AD951x
CMOS DRIVER
Figure 42. Single-Ended 3.3 V CMOS Input Clock (Up to 200 MHz)
Input Clock Divider
The AD6642 contains an input clock divider with the ability to
divide the input clock by integer values from 1 to 8.
The AD6642 clock divider can be synchronized using the
external SYNC input. Bit 1 of Register 0x3A enables the clock
divider to be resynchronized on every SYNC signal. A valid
SYNC causes the clock divider to reset to its initial state. This
synchronization feature allows multiple parts to have their clock
dividers aligned to guarantee simultaneous input sampling.
Clock Duty Cycle
Typical high speed ADCs use both clock edges to generate
a variety of internal timing signals and, as a result, may be
sensitive to clock duty cycle. Commonly, a ±5% tolerance is
required on the clock duty cycle to maintain dynamic
performance characteristics.
The AD6642 contains a duty cycle stabilizer (DCS) that retimes
the nonsampling (falling) edge, providing an internal clock signal
with a nominal 50% duty cycle. This allows the user to provide a
wide range of clock input duty cycles without affecting the per-
formance of the AD6642. Noise and distortion performance are
nearly flat for a wide range of duty cycles with the DCS enabled.
Jitter in the rising edge of the input is still of paramount concern
and is not easily reduced by the internal stabilization circuit. The
duty cycle control loop does not function for clock rates less
than 40 MHz nominally. The loop has a time constant asso-
ciated with it that must be considered in applications in which
the clock rate can change dynamically. A wait time of 1.5 μs to
5 μs is required after a dynamic clock frequency increase or
decrease before the DCS loop is relocked to the input signal.
During the time period that the loop is not locked, the DCS
loop is bypassed, and internal device timing is dependent on the
duty cycle of the input clock signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com