Electronic Components Datasheet Search
  English  ▼

X  

AD6642 Datasheet(PDF) 17 Page - Analog Devices

Part # AD6642
Description  Dual IF Receiver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6642 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD6642 Datasheet HTML 13Page - Analog Devices AD6642 Datasheet HTML 14Page - Analog Devices AD6642 Datasheet HTML 15Page - Analog Devices AD6642 Datasheet HTML 16Page - Analog Devices AD6642 Datasheet HTML 17Page - Analog Devices AD6642 Datasheet HTML 18Page - Analog Devices AD6642 Datasheet HTML 19Page - Analog Devices AD6642 Datasheet HTML 20Page - Analog Devices AD6642 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
AD6642
Rev. 0 | Page 17 of 32
Differential Input Configurations
Optimum performance is achieved when driving the AD6642
in a differential input configuration. For baseband applications,
the AD8138, ADA4937-2, and ADA4938-2 differential drivers
provide excellent performance and a flexible interface to the ADC.
The output common-mode voltage of the ADA4938-2 is easily
set with the VCMx pin of the AD6642 (see Figure 30), and the
driver can be configured in a Sallen-Key filter topology to
provide band limiting of the input signal.
VIN
76.8Ω
120Ω
0.1µF
200Ω
200Ω
90Ω
AVDD
33Ω
33Ω
15Ω
15Ω
5pF
15pF
15pF
ADC
VIN–
VIN+
VCM
ADA4938-2
Figure 30. Differential Input Configuration Using the ADA4938-2
For baseband applications where SNR is a key parameter,
differential transformer coupling is the recommended input
configuration. An example is shown in Figure 31. To bias the
analog input, the VCM voltage can be connected to the center
tap of the secondary winding of the transformer.
2V p-p
49.9Ω
0.1µF
R1
R1
C1
ADC
VIN+
VIN–
VCM
C2
R2
R2
C2
Figure 31. Differential Transformer-Coupled Configuration
The signal characteristics must be considered when selecting
a transformer. Most RF transformers saturate at frequencies
below a few megahertz (MHz). Excessive signal power can also
cause core saturation, which leads to distortion.
At input frequencies in the second Nyquist zone and above, the
noise performance of most amplifiers is not adequate to achieve
the true SNR performance of the AD6642. For applications in
which SNR is a key parameter, differential double balun coupling
is the recommended input configuration (see Figure 32). In this
configuration, the input is ac-coupled and the CML is provided to
each input through a 33 Ω resistor. These resistors compensate
for losses in the input baluns to provide a 50 Ω impedance to
the driver.
In the double balun and transformer configurations, the value
of the input capacitors and resistors is dependent on the input
frequency and source impedance and may need to be reduced
or removed. Table 10 lists recommended values to set the RC
network. At higher input frequencies, good performance can be
achieved by using a ferrite bead in series with a resistor and
removing the capacitors. However, these values are dependent
on the input signal and should be used only as a starting guide.
Table 10. Example RC Network
Frequency
Range
(MHz)
R1 Series
(Each)
C1 Differential
R2 Series
(Each)
C2 Shunt
(Each)
0 to 100
33 Ω
5 pF
15 Ω
15 pF
100 to 200
10 Ω
5 pF
10 Ω
10 pF
100 to 300
10 Ω1
Remove
66 Ω
Remove
1 In this configuration, R1 is a ferrite bead with a value of 10 Ω @ 100 MHz.
An alternative to using a transformer-coupled input at frequencies
in the second Nyquist zone is to use the AD8352 differential driver
(see Figure 33). For more information, see the AD8352 data sheet.
ADC
R1
0.1µF
0.1µF
2V p-p
VIN+
VIN–
VCM
C1
C2
R1
R2
R2
0.1µF
S
0.1µF
C2
33Ω
33Ω
S
PA
P
Figure 32. Differential Double Balun Input Configuration
AD8352
0Ω
0Ω
0.1µF
0.1µF
0.1µF
0.1µF
16
1
2
5
11
0.1µF
0.1µF
10
14
0.1µF
8, 13
VCC
200Ω
200Ω
ANALOG INPUT
ANALOG INPUT
C
R
ADC
VIN+
VIN–
VCM
R
4
3
RG
RD
CD
Figure 33. Differential Input Configuration Using the AD8352



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com