Electronic Components Datasheet Search
  English  ▼

X  

AD6642 Datasheet(PDF) 31 Page - Analog Devices

Part # AD6642
Description  Dual IF Receiver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6642 Datasheet(HTML) 31 Page - Analog Devices

Back Button AD6642 Datasheet HTML 24Page - Analog Devices AD6642 Datasheet HTML 25Page - Analog Devices AD6642 Datasheet HTML 26Page - Analog Devices AD6642 Datasheet HTML 27Page - Analog Devices AD6642 Datasheet HTML 28Page - Analog Devices AD6642 Datasheet HTML 29Page - Analog Devices AD6642 Datasheet HTML 30Page - Analog Devices AD6642 Datasheet HTML 31Page - Analog Devices AD6642 Datasheet HTML 32Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 31 / 32 page
background image
AD6642
Rev. 0 | Page 31 of 32
OUTLINE DIMENSIONS
COMPLIANT WITH JEDEC STANDARDS MO-205-AC.
SEATING
PLANE
0.43 MAX
0.25 MIN
DETAIL A
0.55
0.50
0.45
BALL DIAMETER
COPLANARITY
0.12 MAX
0.80 BSC
8.80
BSC SQ
A
B
C
D
E
F
G
J
H
K
L
M
12 11 10
8 7 6
3 2 1
9
5 4
1.00
0.85
A1 CORNER
INDEX AREA
1.40 MAX
TOP VIEW
BALL A1
INDICATOR
DETAIL A
BOTTOM VIEW
10.10
10.00
9.90
Figure 52. 144-Ball Chip Scale Package Ball Grid Array [CSP_BGA]
(BC-144-1)
Dimensions shown in millimeters
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
AD6642BBCZ1
−40°C to +85°C
144-Ball Chip Scale Package Ball Grid Array [CSP_BGA]
BC-144-1
AD6642BBCZRL1
−40°C to +85°C
144-Ball Chip Scale Package Ball Grid Array [CSP_BGA]
BC-144-1
AD6642EBZ1
Evaluation Board
1 Z = RoHS Compliant Part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com