Electronic Components Datasheet Search
  English  ▼

X  

AD8432 Datasheet(PDF) 7 Page - Analog Devices

Part # AD8432
Description  Dual-Channel Ultralow Noise Amplifier with Selectable Gain and Input Impedance
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8432 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD8432 Datasheet HTML 3Page - Analog Devices AD8432 Datasheet HTML 4Page - Analog Devices AD8432 Datasheet HTML 5Page - Analog Devices AD8432 Datasheet HTML 6Page - Analog Devices AD8432 Datasheet HTML 7Page - Analog Devices AD8432 Datasheet HTML 8Page - Analog Devices AD8432 Datasheet HTML 9Page - Analog Devices AD8432 Datasheet HTML 10Page - Analog Devices AD8432 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
AD8432
Rev. 0 | Page 7 of 28
TYPICAL PERFORMANCE CHARACTERISTICS
VS = 5 V, TA = 25°C, RS = RIN = 50 Ω, RFB =150 Ω, CSH = 47 pF, RSH = 15 Ω, RL =500 Ω (per SE output), CL = 5 pF (per SE output),
G = 12.04 dB (single-ended input to differential output), f = 1 MHz, unless otherwise specified.
–30
–24
–12
0
12
6
–6
18
–18
30
24
1
10
100
1k
FREQUENCY (MHz)
G = 24.08dB
G = 21.58dB
G = 18.06dB
G = 12.04dB
Figure 3. Small Signal Differential Gain vs. Frequency, RIN Unterminated
–12
–9
–6
–3
0
12
24
1
10
100
500
FREQUENCY (MHz)
RIN UNTERMINATED
RIN = 200Ω
RIN = 100Ω
RIN = 50Ω
3
6
9
15
18
21
Figure 4. Small Signal Frequency Response vs. RIN, G = 12.04 dB
0
3
6
9
15
18
21
12
24
1
10
100
500
FREQUENCY (MHz)
RIN UNTERMINATED
RIN = 200Ω
RIN = 100Ω
RIN = 50Ω
Figure 5. Small Signal Frequency Response vs. RIN, G = 18.06 dB
0
24
1
10
100
500
FREQUENCY (MHz)
RIN UNTERMINATED
RIN = 200Ω
RIN = 100Ω
RIN = 50Ω
3
6
9
15
18
12
Figure 6. Small Signal Frequency Response vs. RIN, G = 21.58 dB
0
24
27
1
10
100
500
FREQUENCY (MHz)
RIN UNTERMINATED
RIN = 200Ω
RIN = 100Ω
RIN = 50Ω
3
6
9
15
18
21
12
Figure 7. Small Signal Frequency Response vs. RIN, G = 24.08 dB
1
10
100
500
FREQUENCY (MHz)
0
–3
–6
–9
24
27
3
6
9
15
18
21
12
G = 12.04dB
G = 18.06dB
G = 21.58dB
G = 24.08dB
Figure 8. Differential Gain vs. Frequency, VOUT = 1 V p-p, RIN = 50 Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com