Electronic Components Datasheet Search
  English  ▼

X  

AD8432 Datasheet(PDF) 23 Page - Analog Devices

Part # AD8432
Description  Dual-Channel Ultralow Noise Amplifier with Selectable Gain and Input Impedance
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8432 Datasheet(HTML) 23 Page - Analog Devices

Back Button AD8432 Datasheet HTML 19Page - Analog Devices AD8432 Datasheet HTML 20Page - Analog Devices AD8432 Datasheet HTML 21Page - Analog Devices AD8432 Datasheet HTML 22Page - Analog Devices AD8432 Datasheet HTML 23Page - Analog Devices AD8432 Datasheet HTML 24Page - Analog Devices AD8432 Datasheet HTML 25Page - Analog Devices AD8432 Datasheet HTML 26Page - Analog Devices AD8432 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
AD8432
Rev. 0 | Page 23 of 28
I/Q DEMODULATION FRONT END
The AD8432 low noise amplifiers can be used to drive the
differential RF inputs of the dual AD8333 or the quad AD8339
I/Q demodulators. The primary application for the AD8339 is
phased array beamforming in medical ultrasound, specifically
in CW Doppler processing. Other applications include phased
array radar and smart antennas for mobile communications.
AD8021
AD8021
20
Ω
787
Ω
787
Ω
2.2nF
2.2nF
RF1N
RF1P
I1OP
Q1OP
4LOP
20
Ω
0.1µF
0.1µF
0.1µF
AD8432
AD8339
Q1
I1
Figure 65. Block Diagram of AD8432 + AD8339 Application for
Ultrasound Beamforming
Because of its low output noise and low distortion, the AD8432
ensures minimal degradation in dynamic range while amplifying
the RF input signal. At the lowest gain of 12.04 dB, the AD8432
contributes only 3.4 nV/√Hz output voltage noise.
Figure 65 shows a simplified block diagram of one channel of
the AD8432 driving the AD8339. The AD8432 outputs can be
connected directly to the AD8339 RF inputs through 20 Ω
resistors. The 4LOP and 4LON pins of the AD8339 are driven by
a differential clock signal, which has a frequency 4× that of the
RF inputs. The AD8339 downconverts the RF signals, generates
quadrature, and phase-shifts the resultant I and Q signals.
The I and Q outputs of the AD8339 are current outputs. A
transimpedance amplifier, such as the AD8021, processes the
outputs and performs several functions, including the following:
•
Current-to-voltage conversion
•
Summation amplifier for multiple channels
•
Active low-pass filter
In beamforming applications, the I and Q outputs of a number
of receiver channels are summed, which increases the system
dynamic range by 10 log10 (N), N being the number of channels
being summed. The external RC feedback network of the
AD8021 is a 100 kHz low-pass filter as shown in Figure 65.
Refer to the AD8333 and AD8339 datasheets for more details
on implementing I/Q demodulators.
Evaluation boards are available for the AD8432 and the AD8339
to facilitate system level design and test. A detailed reference
schematic of the setup is shown in Figure 66. The AD8432 is
shown in this configuration with a gain of 12.04 dB, with
unterminated inputs. If active termination is preferred, use an
RFB and CFB network as discussed in the Theory of Operation.
Clamping diodes IND1/IND2 can be connected to IN1/IN2 to
protect the LNA input from being overdriven.
BIAS
AD8432
INL2
IND2
INH2
INL1
IND1
INH1
ENB
VPS1
VPS2
COMM
OPH2
LNA1
LNA2
IN2
IN1
0.1µF
AD8339
RF1P
RF1N
20
Ω
20
Ω
20
Ω
20
Ω
RF2P
RF2N
Q1 + Q2
787
Ω
0
Ω
27
3
4
6
+
–
Q1OP
AD8021
VPOS
VNEG
4LOP
RSH1
15
Ω
G = 12dB
G = –1.3dB
LPF
fC = 100kHz
4LO
CSH1
47pF
RSH2
15
Ω
CSH2
47pF
0.1µF
0.1µF
0.1µF
0.1µF
0.1µF
0.1µF
0.1µF
OPL2
OPH1
OPL1
GMH2
GOH2
GOL2
GML2
GMH1
GOH1
GOL1
GML1
−5V
−5V
+5V
0.1µF
0.1µF
+5V
I1OP
Q2OP
I2OP
2.2nF
I1 + I2
787
Ω
0
Ω
27
3
4
6
+
–
AD8021
−5V
0.1µF
0.1µF
+5V
2.2nF
Figure 66. Schematic of AD8432 (G = 12.04 dB) + AD8339 Application for Ultrasound Beamforming



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com